Electronic Components Datasheet Search
  English  ▼

X  

DIO1413CMP10 Datasheet(PDF) 26 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1413CMP10
Description  Beta Compensation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1413CMP10 Datasheet(HTML) 26 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1413CMP10 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 27Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 28Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 29Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 30Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
DIO1413/1414
Version 1.2, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
22
1
DAVG_DIS
0
(default)
The dynamic averaging feature is enabled. All temperature channels will be converted with
an averaging factor that is based on the conversion rate.
1
The dynamic averaging feature is disabled.
0
APDD
0
(default)
Anti-parallel mode is enabled. Two external NPNs can be measured between the DP2 and
DN2 pins.
1
Anti-parallel mode is disabled. Only one external NPN can be measured between the DP2
and DN2 pins.
12.4. Conversion rate register
The conversion rate register determines the updating frequency of the channels’ temperature measurement.
This register is accessible at either address.
Addr.
Type
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
04h
R/W
Conversion rate
Reserved
CONV [3:0]
06h
(4/sec)
0Ah
Note: R = Read. W = Write.
Bit
Name
Description
7:4
Reserved
Do not use.
3:0
CONV
[3:0]
Conversion rate: CONV [3:0]
Conversions
/ second
Hex
3
2
1
0
4h
0
1
0
0
1
5h
0
1
0
1
2
6h
0
1
1
0
4 (default)
7h
0
1
1
1
8
8h
1
0
0
0
16
0h - 3h and
9h - Fh
All others
Not allowed
12.5. Limit register
The device contains both High Limit and Low Limits for all temperature channels. If the measured temperature
exceeds the High Limit, then the corresponding status bit will be set and the
_____
ALERT pin is asserted. Likewise, if
the measured temperature is less than the Low Limit, the corresponding status bit will be set and the
_____
ALERT
pin is asserted.
Note that the data format for the limits must match the selected data format for the temperature. If the extended
temperature range is used, the limits must be programmed in the extended data format.
The limit registers with multiple addresses are accessible at either address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com