Electronic Components Datasheet Search
  English  ▼

X  

DIO1413CMP10 Datasheet(PDF) 18 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1413CMP10
Description  Beta Compensation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1413CMP10 Datasheet(HTML) 18 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1413CMP10 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
DIO1413/1414
Version 1.2, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
14
Figure 10. Typical remote substrate transistor (e.g. CPU substrate PNP or 2N3906)
Figure 11. Typical remote discrete NPN transistor (e.g. 2N3904)
Figure 12. Anti-parallel connected discrete NPN transistors (e.g. 2N3904)
11. Communication Protocol and SMBus Protocol
11.1. Communication protocol
Through the SMBus (or I2C), the DIO1413/1414 can communicate with the host controller. The SMBus is a
two-wire serial communication protocol between a computer host and its peripheral devices. The details can be
found in the Figure 1.
11.1.1. SMBus address and RD/
——
WR bit
The SMBus address byte consists of the 7-bit client address followed by the RD/
——
WR indicator bit. To the client
device, the RD/
——
WR bit can be either writing or reading date.
When the RD/
——
WR bit is a logic ‘0’, the SMBus host is writing data. When the RD/
——
WR bit is a logic ‘1’, the SMBus
host is reading data.
The DIO1413C and DIO1414C SMBus slave address is determined by the pull-up resistor on the
______
THERM/ADDR pin as shown in table 5 in section 9.8 "Programming SMBus (or I2C) Address".
11.1.2. SMBus data bytes
All SMBus data bytes are composed of 8-bits of information and sent in order of priority, which means they are
sent most significant bit at first.
11.1.3. SMBus ACK and NACK bits
All received data bytes are acknowledged by the SMBus client. This is accomplished by the client device pulling
the SMBus data line low after each sent byte's eighth bit. This is true of the Write Byte protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com