Electronic Components Datasheet Search
  English  ▼

X  

DIO1413CMP10 Datasheet(PDF) 16 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1413CMP10
Description  Beta Compensation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1413CMP10 Datasheet(HTML) 16 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1413CMP10 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
DIO1413/1414
Version 1.2, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
12
Table 4. Temperature data format
Temperature (°C)
Temperature Register Value
(Default Range)
Temperature Register Value
(Extended Range)
External Fault
0000 0000 0000
0000 0000 0000
-64
0000 0000 0000
0000 0000 0000 (3)
-1
0000 0000 0000
0011 1111 0000
0
0000 0000 0000 (1)
0100 0000 0000
0.0625
0000 0000 0001
0100 0000 0001
1
0000 0001 0000
0100 0001 0000
64
0100 0000 0000
1000 0000 0000
65
0100 0001 0000
1000 0001 0000
127
0111 1111 0000
1011 1111 0000
127.9375
0111 1111 1111
1011 1111 1111
128
0111 1111 1111 (2)
1100 0000 0000
190
0111 1111 1111
1111 1110 0000
191
0111 1111 1111
1111 1111 0000
≥191.9375
0111 1111 1111
1111 1111 1111 (4)
Note:
(1) For Default Range, all temperatures < 0°C will be reported as 0°C.
(2) For Default Range, all temperatures > 127.9375°C will be reported as 127.9375°C.
(3) For Extended Range, all temperatures < -64°C will be reported as -64°C.
(4) For Extended Range, all temperatures > 191.9375°C will be reported as 191.9375°C.
9.8. Programming SMBus (or I2C) address
The DIO1413C and DIO1414C SMBus (or I2C) client address are determined by the pull-up resistor on the
______
THERM/ADDR pin as shown in the below table. The address decode is performed after power-up the device.
For the first 15 ms after power-up the device may not respond to SMBus (or I2C) communications.
Table 5. SMBus (or I2C) address decode
Pull-up Resistor on
______
THERM/ADDR Pin (±5%)
SMBus (or I2C) Address
4.7 kΩ
1111_100(r/
_
w)b
6.8 kΩ
1011_100(r/
_
w)b
10 kΩ
1001_100(r/
_
w)b
15 kΩ
1101_100(r/
_
w)b
22 kΩ
0011_100(r/
_
w)b
33 kΩ
0111_100(r/
_
w)b
Note:
(1) The SMBus (or I2C) address of DIO1413A and DIO1414A is hard coded to 1001_100(r/
_
w).
(2) The SMBus (or I2C) address of DIO1413B is hard coded to 0011_000(r/
_
w).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com