Electronic Components Datasheet Search
  English  ▼

X  

DIO1413CMP10 Datasheet(PDF) 31 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1413CMP10
Description  Beta Compensation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1413CMP10 Datasheet(HTML) 31 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1413CMP10 Datasheet HTML 27Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 28Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 29Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 30Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 31Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 32Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 33Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 34Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 35Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
DIO1413/1414
Version 1.2, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
27
Addr. Type
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
22h
R/W
Consecutive
ALERT
TIME
OUT
CTHRM [2:0]
CALRT [2:0]
Reserved
70h
Note: R = Read. W = Write.
Bit
Name
Description
7
TIMEOUT
0 (default): The SMBus Timeout function is disabled. The device will not resetting its SMBus protocol
even the SMCLK line being held low indefinitely.
1: The SMBus Timeout function is enabled. The device will reset the SMBus protocol if the SMCLK line is
held low for more than 30ms.
6:4
CTHRM
[2:0]
Determines the number of consecutive temperature measurements that must exceed the corresponding
Therm Limit before the
______
THERM/ADDR pin is asserted. Every temperature channel uses the same value
for their therm counters. The consecutive therm counter will be increased by 1 whenever any
temperature measurement exceed the Therm Limit.
Once any channel’s measured temperature drops below the Therm Limit, the corresponding therm
counter is reset.
Once the
______
THERM/ADDR pin has been asserted, the therm counter will not reset until the corresponding
channel’s measured temperature drops below the Therm Limit minus the Therm Hysteresis.
The consecutive alert bits CTHRM[2:0] are decoded as shown in the following table. The default setting
is 4 consecutive out of limit measurements.
3:1
CALRT
[2:0]
Determines the number of consecutive temperature measurements that must meet an out of limit
condition or fault condition before the
———
ALERT pin is asserted. Every temperature channel uses the same
for their alert counters. The consecutive alert bits CALRT[2:0] are decoded as shown in the following
table. The default setting is 1 consecutive out of limit measurements.
0
Reserved
Do not use.
Consecutive alert/Therm settings
2
1
0
Number of consecutive out of limit
measurements
0
0
0
1 (default for CALRT [2:0])
0
0
1
2
0
1
1
3
1
1
1
4 (default for CTHRM [2:0])
0
1
0
4
1
0
0
1
0
1
1
1
0
12.12. Beta configuration registers
The Beta configuration registers are used to set or indicate external BJT type or minimum PNP Beta for the
corresponding external channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com