Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM641 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 39Page - Texas Instruments TMS320DM641 Datasheet HTML 40Page - Texas Instruments TMS320DM641 Datasheet HTML 41Page - Texas Instruments TMS320DM641 Datasheet HTML 42Page - Texas Instruments TMS320DM641 Datasheet HTML 43Page - Texas Instruments TMS320DM641 Datasheet HTML 44Page - Texas Instruments TMS320DM641 Datasheet HTML 45Page - Texas Instruments TMS320DM641 Datasheet HTML 46Page - Texas Instruments TMS320DM641 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 179 page
background image
Pin Assignments
43
June 2003 − Revised October 2005
SPRS222E
Table 1−6. Terminal Functions
SIGNAL
TYPE†
IPD/
DESCRIPTION
NAME
DM641
DM640
TYPE†
IPD/
IPU‡
DESCRIPTION
CLOCK/PLL CONFIGURATION
CLKIN
AC2
AC2
I
Clock Input. This clock is the input to the on-chip PLL.
CLKOUT4/GP0[1]§
D6
D6
I/O/Z
IPU
Clock output at 1/4 of the device speed (O/Z) [default] or this pin can be
programmed as a GP0 1 pin (I/O/Z).
CLKOUT6/GP0[2]§
C6
C6
I/O/Z
IPU
Clock output at 1/6 of the device speed (O/Z) [default] or this pin can be
programmed as a GP0 2 pin (I/O/Z).
CLKMODE1
AE4
AE4
I
IPD
Clock mode select
• Selects whether the CPU clock frequency = input clock frequency x1
(Bypass) x6 or x12
CLKMODE0
AA2
AA2
I
IPD
(Bypass), x6, or x12.
For more details on the CLKMODE pins and the PLL multiply factors, see
the Clock PLL section of this data sheet.
PLLV
V6
V6
A#
PLL voltage supply
JTAG EMULATION
TMS
E15
E15
I
IPU
JTAG test-port mode select
TDO
B18
B18
O/Z
IPU
JTAG test-port data out
TDI
A18
A18
I
IPU
JTAG test-port data in
TCK
A16
A16
I
IPU
JTAG test-port clock
TRST
D14
D14
I
IPD
JTAG test-port reset. For IEEE 1149.1 JTAG compatibility, see the IEEE
1149.1 JTAG compatibility statement portion of this data sheet.
EMU11
D17
D17
I/O/Z
IPU
Emulation pin 11. Reserved for future use, leave unconnected.
EMU10
C17
C17
I/O/Z
IPU
Emulation pin 10. Reserved for future use, leave unconnected.
EMU9
B17
B17
I/O/Z
IPU
Emulation pin 9. Reserved for future use, leave unconnected.
EMU8
D16
D16
I/O/Z
IPU
Emulation pin 8. Reserved for future use, leave unconnected.
EMU7
A17
A17
I/O/Z
IPU
Emulation pin 7. Reserved for future use, leave unconnected.
EMU6
C16
C16
I/O/Z
IPU
Emulation pin 6. Reserved for future use, leave unconnected.
EMU5
B16
B16
I/O/Z
IPU
Emulation pin 5. Reserved for future use, leave unconnected.
EMU4
D15
D15
I/O/Z
IPU
Emulation pin 4. Reserved for future use, leave unconnected.
EMU3
C15
C15
I/O/Z
IPU
Emulation pin 3. Reserved for future use, leave unconnected.
EMU2
B15
B15
I/O/Z
IPU
Emulation pin 2. Reserved for future use, leave unconnected.
EMU1
C14
C14
I/O/Z
IPU
Emulation pin 1||
EMU0
A15
A15
I/O/Z
IPU
Emulation pin 0||
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-kΩ resistor should be used.)
§ These pins are multiplexed pins. For more details, see the Device Configurations section of this data sheet.
PLLV is not part of external voltage supply. See the Clock PLL section for information on how to connect this pin.
# A = Analog signal (PLL Filter)
|| The EMU0 and EMU1 pins are internally pulled up with 30-kΩ resistors; therefore, for emulation and normal operation, no external
pullup/pulldown resistors are necessary. However, for boundary scan operation, pull down the EMU1 and EMU0 pins with a dedicated 1-kΩ
resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com