Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM641 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 11Page - Texas Instruments TMS320DM641 Datasheet HTML 12Page - Texas Instruments TMS320DM641 Datasheet HTML 13Page - Texas Instruments TMS320DM641 Datasheet HTML 14Page - Texas Instruments TMS320DM641 Datasheet HTML 15Page - Texas Instruments TMS320DM641 Datasheet HTML 16Page - Texas Instruments TMS320DM641 Datasheet HTML 17Page - Texas Instruments TMS320DM641 Datasheet HTML 18Page - Texas Instruments TMS320DM641 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 179 page
background image
Device Overview
15
June 2003 − Revised October 2005
SPRS222E
1
Device Overview
1.1
Features
D High-Performance Digital Media Processor
(TMS320DM641/TMS320DM640)
− 2.5-, 2-, 1.67-ns Instruction Cycle Time
− 400-, 500-, 600-MHz Clock Rate
− Eight 32-Bit Instructions/Cycle
− 3200, 4000, 4800 MIPS
− Fully Software-Compatible With C64x™
D VelociTI.2™ Extensions to VelociTI™
Advanced Very-Long-Instruction-Word
(VLIW) TMS320C64x™ DSP Core
− Eight Highly Independent Functional
Units With VelociTI.2™ Extensions:
− Six ALUs (32-/40-Bit), Each Supports
Single 32-Bit, Dual 16-Bit, or Quad
8-Bit Arithmetic per Clock Cycle
− Two Multipliers Support
Four 16 x 16-Bit Multiplies
(32-Bit Results) per Clock Cycle or
Eight 8 x 8-Bit Multiplies
(16-Bit Results) per Clock Cycle
− Load-Store Architecture With
Non-Aligned Support
− 64 32-Bit General-Purpose Registers
− Instruction Packing Reduces Code Size
− All Instructions Conditional
D Instruction Set Features
− Byte-Addressable (8-/16-/32-/64-Bit Data)
− 8-Bit Overflow Protection
− Bit-Field Extract, Set, Clear
− Normalization, Saturation, Bit-Counting
− VelociTI.2™ Increased Orthogonality
D L1/L2 Memory Architecture
− 128K-Bit (16K-Byte) L1P Program Cache
(Direct Mapped)
− 128K-Bit (16K-Byte) L1D Data Cache
(2-Way Set-Associative)
− 1M-Bit (128K-Byte) L2 Unified Mapped
RAM/Cache
(Flexible RAM/Cache Allocation)
D Endianess: Little Endian, Big Endian
D 32-Bit External Memory Interface (EMIF)
− Glueless Interface to Asynchronous
Memories (SRAM and EPROM) and
Synchronous Memories (SDRAM,
SBSRAM, ZBT SRAM, and FIFO)
− 1024M-Byte Total Addressable External
Memory Space
D Enhanced Direct-Memory-Access (EDMA)
Controller (64 Independent Channels)
D 10/100 Mb/s Ethernet MAC (EMAC)
− IEEE 802.3 Compliant
− Media Independent Interface (MII)
− 8 Independent Transmit (TX) Channels
and 1 Receive (RX) Channel
D Management Data Input/Output (MDIO)
D Two Configurable Video Ports (DM641)
D One Configurable Video Port (DM640)
− Providing a Glueless I/F to Common
Video Decoder and Encoder Devices
− Supports Multiple Resolutions and Video
Standards
D VCXO Interpolated Control Port (VIC)
− Supports Audio/Video Synchronization
D Host-Port Interface (HPI) [16-Bit] (DM641)
D Multichannel Audio Serial Port (McASP)
− Four Serial Data Pins
− Wide Variety of I2S and Similar Bit
Stream Format
− Integrated Digital Audio I/F Transmitter
Supports S/PDIF, IEC60958-1, AES-3,
CP-430 Formats
D Inter-Integrated Circuit (I2C) Bus
D Two Multichannel Buffered Serial Ports
D Three 32-Bit General-Purpose Timers
D Eight General-Purpose I/O (GPIO) Pins
D Flexible PLL Clock Generator
D IEEE-1149.1 (JTAG†)
Boundary-Scan-Compatible
D 548-Pin Ball Grid Array (BGA) Package
(GDK and ZDK Suffixes), 0.8-mm Ball Pitch
D 548-Pin Ball Grid Array (BGA) Package
(GNZ and ZNZ Suffixes), 1.0-mm Ball Pitch
D 0.13-µm/6-Level Cu Metal Process (CMOS)
D 3.3-V I/O, 1.2-V Internal (-400, -500)
D 3.3-V I/O, 1.4-V Internal (-600)
C64x, VelociTI.2, VelociTI, and TMS320C64x are trademarks of Texas Instruments.
All trademarks are the property of their respective owners.
† IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com