Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM641 Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 58 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 54Page - Texas Instruments TMS320DM641 Datasheet HTML 55Page - Texas Instruments TMS320DM641 Datasheet HTML 56Page - Texas Instruments TMS320DM641 Datasheet HTML 57Page - Texas Instruments TMS320DM641 Datasheet HTML 58Page - Texas Instruments TMS320DM641 Datasheet HTML 59Page - Texas Instruments TMS320DM641 Datasheet HTML 60Page - Texas Instruments TMS320DM641 Datasheet HTML 61Page - Texas Instruments TMS320DM641 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 179 page
background image
Pin Assignments
58
June 2003 − Revised October 2005
SPRS222E
Table 1−6. Terminal Functions (Continued)
SIGNAL
DESCRIPTION
IPD/
IPU‡
TYPE†
NAME
DESCRIPTION
IPD/
IPU‡
TYPE†
DM640
DM641
SUPPLY VOLTAGE PINS (CONTINUED)
N13
N13
N15
N15
N20
N20
P7
P7
P12
P12
P14
P14
P20
P20
R13
R13
R15
R15
T7
T7
T20
T20
U7
U7
U20
U20
W20
W20
CV
Y6
Y6
S
1.2-V supply voltage (-400, -500 devices)
CVDD
Y7
Y7
S
1.2 V supply voltage ( 400, 500 devices)
1.4-V supply voltage (-600 device)
Y8
Y8
Y10
Y10
Y11
Y11
Y13
Y13
Y14
Y14
Y16
Y16
Y17
Y17
Y19
Y19
Y20
Y20
Y21
Y21
AA6
AA6
AA7
AA7
AA20
AA20
AA21
AA21
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-kΩ resistor should be used.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com