Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM641 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 57 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 53Page - Texas Instruments TMS320DM641 Datasheet HTML 54Page - Texas Instruments TMS320DM641 Datasheet HTML 55Page - Texas Instruments TMS320DM641 Datasheet HTML 56Page - Texas Instruments TMS320DM641 Datasheet HTML 57Page - Texas Instruments TMS320DM641 Datasheet HTML 58Page - Texas Instruments TMS320DM641 Datasheet HTML 59Page - Texas Instruments TMS320DM641 Datasheet HTML 60Page - Texas Instruments TMS320DM641 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 179 page
background image
Pin Assignments
57
June 2003 − Revised October 2005
SPRS222E
Table 1−6. Terminal Functions (Continued)
SIGNAL
DESCRIPTION
IPD/
IPU‡
TYPE†
NAME
DESCRIPTION
IPD/
IPU‡
TYPE†
DM640
DM641
SUPPLY VOLTAGE PINS (CONTINUED)
AB22
AB22
AC23
AC23
AD24
AD24
AE1
AE1
DV
AE2
AE2
S
3 3 V supply voltage
DVDD
AE13
AE13
S
3.3-V supply voltage
AE25
AE25
AE26
AE26
AF2
AF2
AF25
AF25
F6
F6
F7
F7
F20
F20
F21
F21
G6
G6
G7
G7
G8
G8
G10
G10
G11
G11
G13
G13
G14
G14
CV
G16
G16
S
1.2-V supply voltage (-400, -500 devices)
CVDD
G17
G17
S
1.2 V supply voltage ( 400, 500 devices)
1.4-V supply voltage (-600 device)
G19
G19
G20
G20
G21
G21
H20
H20
K7
K7
K20
K20
L7
L7
L20
L20
M12
M12
M14
M14
N7
N7
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-kΩ resistor should be used.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com