Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM641 Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 70Page - Texas Instruments TMS320DM641 Datasheet HTML 71Page - Texas Instruments TMS320DM641 Datasheet HTML 72Page - Texas Instruments TMS320DM641 Datasheet HTML 73Page - Texas Instruments TMS320DM641 Datasheet HTML 74Page - Texas Instruments TMS320DM641 Datasheet HTML 75Page - Texas Instruments TMS320DM641 Datasheet HTML 76Page - Texas Instruments TMS320DM641 Datasheet HTML 77Page - Texas Instruments TMS320DM641 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 179 page
background image
Device Configurations
74
June 2003 − Revised October 2005
SPRS222E
2.4
Device Status Register Description
The device status register depicts the status of the device peripheral selection. For the actual register bit
names and their associated bit field descriptions, see Figure 2−5 and Table 2−6.
31
24
Reserved
R-0
23
16
Reserved
R-0
15
14
13
12
11
10
9
8
Reserved
MAC_EN
Reserved
Reserved
Reserved
R-0
R-x
R-0
R-x
R-0
76
54
3
21
0
Reserved
CLKMODE1
CLKMODE0
LENDIAN
BOOTMODE1
BOOTMODE0
AECLKINSEL1 AECLKINSEL0
R-x
R-x
R-x
R-x
R-x
R-x
R-x
R-x
Legend: R = Read only; R/W = Read/Write; -n = value after reset
Figure 2−5. Device Status Register (DEVSTAT) Description − 0x01B3 F004
Table 2−6. Device Status (DEVSTAT) Register Selection Bit Descriptions
BIT
NAME
DESCRIPTION
31:12
Reserved
Reserved. Read-only, writes have no effect.
11
MAC_EN
EMAC enable bit.
Shows the status of whether EMAC peripheral is enabled or disabled (default).
0 = EMAC is disabled, and the module is powered down (default).
1 = EMAC is enabled.
10:7
Reserved
Reserved. Read-only, writes have no effect.
6
CLKMODE1
Clock mode select bits
Shows the status of whether the CPU clock frequency equals the input clock frequency X1 (Bypass), x6,
or x12.
Clock mode select for CPU clock frequency (CLKMODE[1:0])
00 – Bypass (x1) (default mode)
5
CLKMODE0
00 – Bypass (x1) (default mode)
01 − x6
10 − x12
11 − Reserved
For more details on the CLKMODE pins and the PLL multiply factors, see the Clock PLL section of this
data sheet.
4
LENDIAN
Device Endian mode (LEND)
Shows the status of whether the system is operating in Big Endian mode or Little Endian mode (default).
0 – System is operating in Big Endian mode
1 − System is operating in Little Endian mode (default)
3
BOOTMODE1
Bootmode configuration bits
Shows the status of what device bootmode configuration is operational.
Bootmode [1:0]
00
No boot (default mode)
2
BOOTMODE0
00 – No boot (default mode)
01 − HPI [DM641 only]; Reserved [For DM640 device]
10 − Reserved
11 − EMIFA 8−bit ROM boot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com