Electronic Components Datasheet Search
  English  ▼

X  

RH850 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # RH850
Description  Renesas microcontroller
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button RH850 Datasheet HTML 56Page - Renesas Technology Corp RH850 Datasheet HTML 57Page - Renesas Technology Corp RH850 Datasheet HTML 58Page - Renesas Technology Corp RH850 Datasheet HTML 59Page - Renesas Technology Corp RH850 Datasheet HTML 60Page - Renesas Technology Corp RH850 Datasheet HTML 61Page - Renesas Technology Corp RH850 Datasheet HTML 62Page - Renesas Technology Corp RH850 Datasheet HTML 63Page - Renesas Technology Corp RH850 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 182 page
background image
Page 60 of 182
R01DS0494ED0100 Rev.1.00
June 16, 2025
RH850/U2A
Section 2 Pin Functions
Aurora CICREFP
I
Trace I/F clock pos √
CICREFN
I
Trace I/F clock neg √
TODP0
O Trace I/F data pos 0 √
TODN0
O Trace I/F data neg 0 √
TODP1
O Trace I/F data pos 1 √
TODN1
O Trace I/F data neg 1 √
TODP2
O Trace I/F data pos 2 √
TODN2
O Trace I/F data neg 2 √
TODP3
O Trace I/F data pos 3 √
TODN3
O Trace I/F data neg 3 √
MSYN
ITrace I/F
Synchronization
request
√
AURORES1
I
EMUVDD domain
reset signal
√
AURORES2
I
EMUVDD domain
core signal isolation
√
AURORESPD I
Core domain
EMUVDD signal
isolation
√
ERAM ERAMRESPD I
Core domain
ERAMVDD signal
isolation
√
ERAMRES2
I
ERAMVDD domain
core signal isolation
√
Power SYSVCC
-
Power supply for
System Logic,
Internal voltage
regulator and SVR
power
√√√
√√√√√√√
VCC
-
Power supply for
FLASH
√√√
√√√√√√√
VDD
-
Power supply
terminal for core
√√√
√√√√√√√
VSS
-
Common Ground
√√√
√√√√√√√
SVRAVCC
-
Power supply for
SVR
√√√
√√√√√√√
SVRDRVCC -
√√√
√√√√√√√
SVRAVSS
-
Ground for SVR
√√√
√√√√√√√
SVRDRVSS
-
√√√
√√√√√√√
AWOVCL
-
External buffer
capacitance of
regulator
√√√
√√√√√√√
Table 2.1
Pin Function Name Definition (34/35)
Category Function name I/O Explanation
RH850/
U2A-EVA
(BGA516)
RH850/
U2A16
(BGA516)
RH850/
U2A16
(BGA373)
RH850/
U2A16
(BGA292)
RH850/
U2A8
(BGA373)
RH850/
U2A8
(BGA292)
RH850/
U2A6
(BGA292)
RH850/
U2A6
(QFP176)
RH850/
U2A6
(BGA156)
RH850/
U2A6
(QFP144)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com