Electronic Components Datasheet Search
  English  ▼

X  

RH850 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # RH850
Description  Renesas microcontroller
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button RH850 Datasheet HTML 78Page - Renesas Technology Corp RH850 Datasheet HTML 79Page - Renesas Technology Corp RH850 Datasheet HTML 80Page - Renesas Technology Corp RH850 Datasheet HTML 81Page - Renesas Technology Corp RH850 Datasheet HTML 82Page - Renesas Technology Corp RH850 Datasheet HTML 83Page - Renesas Technology Corp RH850 Datasheet HTML 84Page - Renesas Technology Corp RH850 Datasheet HTML 85Page - Renesas Technology Corp RH850 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 182 page
background image
Page 82 of 182
R01DS0494ED0100 Rev.1.00
June 16, 2025
RH850/U2A
Section 3 Electrical Characteristics
3.2.8.2 LVDS Receiver Characteristics
Conditions:
•
See
Section 3.2.1.1, Supply Voltage Characteristics.
Table 3.16 LVDS Receiver Characteristics (based on IEEE 1596.3-1996)
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Differential Input threshold voltage
VLVDSIDTH
–100
100
mV
Input voltage range
VLVDI
0.825
1.575
V
Figure 3.6
LVDS Receiver Measurement Conditions
Received signal
Terminating register 100 Ω
± 1 %
Inside the microcomputer
(schematic)
Outside the microcomputer
Figure 3.7
Meaning of LVDS Receiver Symbols
VLVDI
VLVDI
VLVDSIDTH
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com