Electronic Components Datasheet Search
  English  ▼

X  

RH850 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # RH850
Description  Renesas microcontroller
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button RH850 Datasheet HTML 60Page - Renesas Technology Corp RH850 Datasheet HTML 61Page - Renesas Technology Corp RH850 Datasheet HTML 62Page - Renesas Technology Corp RH850 Datasheet HTML 63Page - Renesas Technology Corp RH850 Datasheet HTML 64Page - Renesas Technology Corp RH850 Datasheet HTML 65Page - Renesas Technology Corp RH850 Datasheet HTML 66Page - Renesas Technology Corp RH850 Datasheet HTML 67Page - Renesas Technology Corp RH850 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 182 page
background image
Page 64 of 182
R01DS0494ED0100 Rev.1.00
June 16, 2025
RH850/U2A
Section 3 Electrical Characteristics
Note 13. Input voltage must be kept within -0.8 V ≤ Vin ≤ 6.5 V. Power supply voltage must be kept within rated
values. Injection current must be kept within rated values on all states include ramp-up/down, and power-
on/off. Injection current effects power dissipation in the package for thermal characteristics.
CAUTION
•
Even momentarily exceeding the absolute maximum rating for just one item
creates a threat of failure in the reliability of the products. That is, the absolute
maximum ratings are the levels that raise a threat of physical damage to the
products. Be sure to use the products only under conditions that do not
exceed the ratings. The quality and normal operation of the product are
guaranteed under the standards and conditions given as DC and AC
characteristics.
•
Input voltage, analog reference voltage and analog input voltage must not
exceed 6.5 V.
•
Even in case when input voltage does not meet the specified characteristics, it
is accepted if the injected current characteristics specified in Section 3.2.7
are met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com