Electronic Components Datasheet Search
  English  ▼

X  

RH850 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # RH850
Description  Renesas microcontroller
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button RH850 Datasheet HTML 68Page - Renesas Technology Corp RH850 Datasheet HTML 69Page - Renesas Technology Corp RH850 Datasheet HTML 70Page - Renesas Technology Corp RH850 Datasheet HTML 71Page - Renesas Technology Corp RH850 Datasheet HTML 72Page - Renesas Technology Corp RH850 Datasheet HTML 73Page - Renesas Technology Corp RH850 Datasheet HTML 74Page - Renesas Technology Corp RH850 Datasheet HTML 75Page - Renesas Technology Corp RH850 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 182 page
background image
Page 72 of 182
R01DS0494ED0100 Rev.1.00
June 16, 2025
RH850/U2A
Section 3 Electrical Characteristics
3.2.1.5 Regulator Characteristics
Conditions:
•
See
Section 3.2.1.1, Supply Voltage Characteristics.
Note 1.
The capacitors has to be mounted with one of the following connections:
- Distribute evenly the total capacitance for the device to all AWOVCL pins.
- Concentrate the total capacitance for the device to one AWOVCL pin.
In this case, the capacitor has to be connected to F23(BGA516),
A22(BGA373), A18(BGA292), 126(QFP176), A13(BGA156) and 103(QFP144).
And other AWOVCL pins which capacitor not connected has to be left open.
Note 2.
This is reference value.
Note 3.
When returning from DeepSTOP.
Note 4.
The time of current flow is less than 2.5 μs.
Table 3.7
Regulator Characteristics
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Output voltage
VAWOVCL
AWOVCL pin
1.025
1.09
1.155
V
VGETH0VCL
GETH0VCL pin
1.025
1.09
1.155
V
Capacitance
CAWOVCL
AWOVCL pin*1
0.140
0.2
0.286
μF
CGETH0VCL
GETH0VCL pin
0.154
0.22
0.286
μF
Equivalent series resistance for load
capacitance
RVRAWO
for CAWOVCL
40*2
mΩ
RVRGETH0
for CGETH0VCL
40*2
mΩ
Inrush current during power-on
IRUSYSVCC
SYSVCC*3
350*2*4
mA
IRUGETH0PVCC
GETH0PVCC
100*2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com