Electronic Components Datasheet Search
  English  ▼

X  

RH850 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RH850
Description  Renesas microcontroller
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RH850 Datasheet HTML 1Page - Renesas Technology Corp RH850 Datasheet HTML 2Page - Renesas Technology Corp RH850 Datasheet HTML 3Page - Renesas Technology Corp RH850 Datasheet HTML 4Page - Renesas Technology Corp RH850 Datasheet HTML 5Page - Renesas Technology Corp RH850 Datasheet HTML 6Page - Renesas Technology Corp RH850 Datasheet HTML 7Page - Renesas Technology Corp RH850 Datasheet HTML 8Page - Renesas Technology Corp RH850 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 182 page
background image
Page 1 of 182
R01DS0494ED0100 Rev.1.00
June 16, 2025
Section 1
Overview
The RH850/U2A-EVA is an emulation device of RH850/U2A16 (516 pins), RH850/U2A16 (373 pins), RH850/U2A16
(292 pins), RH850/U2A8 (373 pins), RH850/U2A8 (292 pins), RH850/U2A6 (292 pins), RH850/U2A6 (176 pins),
RH850/U2A6 (156 pins) and RH850/U2A6 (144 pins) production devices which are the single-chip microcontroller
RH850 series from Renesas Electronics.
This section describes an overview of the RH850/U2A-EVA (516 pins), RH850/U2A16 (516 pins), RH850/U2A16
(373 pins), RH850/U2A16 (292 pins), RH850/U2A8 (373 pins), RH850/U2A8 (292 pins), RH850/U2A6 (292 pins),
RH850/U2A6 (176 pins), RH850/U2A6 (156 pins) and RH850/U2A6 (144 pins).
1.1
Outline
This product is a 32-bit single-chip microcontroller that incorporates multiple CPUs of the RH850 Series, code flash,
data flash, RAM, DMA controllers, high-speed communication interfaces including CAN, FlexRay, Ethernet, RHSIF,
LIN, SENT, PSI5S, PSI5, peripheral functions including A/D converters, timer units and many communication
interfaces that are used in the automotive applications. This product also conforms to the Automotive Safety Integrity
Level (ASIL) that is highly demanded in the recent automotive field (ASIL D level).
(1)
Includes multiple RH850 cores
This product contains multi RH850G4MH2 cores (each CPU is referred to as CPU0 to CPU3 (U2A8, U2A6: CPU0 to
CPU1) hereafter). Each CPU supports RISC-type instruction sets and have significantly improved the instruction
execution speed with basic instructions (one clock cycle per instruction) and the optimized 10-stage pipeline
configurations. Furthermore, this product also supports multiplication instructions using a 32-bit hardware multiplier,
saturated product-sum operation instructions, and bit manipulation instructions as instructions best suited for various
fields. In addition, this product also support CPU virtualization function.
Two-byte basic instructions and high-level language instructions improve object code efficiency for the C compiler and
reduce the program size. Furthermore, this product is suited for advanced real-time control applications by offering a
high-speed response time including the processing time of the on-chip interrupt controller.
(2) On-chip code flash and data flash
This product incorporates a 16-MB (U2A8: 8MB, U2A6: 6MB) code flash allowing high-speed accesses, which
enables each CPU to access this flash memory efficiently. This memory can be reprogrammed while it is placed on an
application system. This can shorten the system development period and significantly improve the serviceability after
the system is delivered.
This product also has a 576-KB (U2A8: 320-KB, U2A6: 256-KB) data flash that is available for storing EEPROM
data.
(3) Rich peripheral functionality
This microcontroller supports common communication interfaces such as SPI (CSI), I2C as well as automotive oriented
communication interfaces such as Ethernet, RHSIF, FlexRay, CAN-FD, LIN, CXPI, SENT, PSI5, PSI5S. As internal
peripheral modules, this microcontroller have A/D Converter, Long-Term System Counter, Generic Timer Module,
timer units and dedicated Peripheral Interconnect module which connects the functionalities of these peripherals. It also
has the global standard on-chip Nexus JTAG as a debug interface. This allows construction of systems without the need
to provide these functions externally, which reduces cost, quantity of components, and PCB footprint.
Datasheet
RH850/U2
A
Renesas microcontroller


Similar Part No. - RH850

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RH850 RENESAS-RH850 Datasheet
925Kb / 66P
RENESAS 32-Bit MCU
RH850 RENESAS-RH850 Datasheet
71Kb / 6P
E1 Emulator
RH850 RENESAS-RH850 Datasheet
70Kb / 1P
Self Programming Library
RH850 RENESAS-RH850 Datasheet
39Mb / 4535P
Renesas microcontroller
Rev.1.10
RH850 RENESAS-RH850 Datasheet
3Mb / 422P
Renesas microcontroller
Rev.1.00 Sep 15, 2023
More results

Similar Description - RH850

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
16C6N4 RENESAS-16C6N4 Datasheet
687Kb / 92P
Renesas MCU
R32C111 RENESAS-R32C111 Datasheet
974Kb / 84P
RENESAS MCU
R8C33C RENESAS-R8C33C Datasheet
528Kb / 56P
RENESAS MCU
R8C34C RENESAS-R8C34C Datasheet
539Kb / 57P
RENESAS MCU
R8C22 RENESAS-R8C22_08 Datasheet
485Kb / 54P
RENESAS MCU
R5F21368SNFP RENESAS-R5F21368SNFP Datasheet
502Kb / 61P
RENESAS MCU
R5F36506NFA RENESAS-R5F36506NFA_12 Datasheet
999Kb / 115P
RENESAS MCU
R5F64165NFD RENESAS-R5F64165NFD_13 Datasheet
740Kb / 99P
RENESAS MCU
RL78 RENESAS-RL78_13 Datasheet
296Kb / 31P
RENESAS MCU
RH850 RENESAS-RH850 Datasheet
39Mb / 4535P
Renesas microcontroller
Rev.1.10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com