Electronic Components Datasheet Search
  English  ▼

X  

GWH3 Datasheet(PDF) 19 Page - Clarke International

Part # GWH3
Description  MIG/MMA/TIG INVERTER WELDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH3 Datasheet(HTML) 19 Page - Clarke International

Back Button GWH3 Datasheet HTML 15Page - Clarke International GWH3 Datasheet HTML 16Page - Clarke International GWH3 Datasheet HTML 17Page - Clarke International GWH3 Datasheet HTML 18Page - Clarke International GWH3 Datasheet HTML 19Page - Clarke International GWH3 Datasheet HTML 20Page - Clarke International GWH3 Datasheet HTML 21Page - Clarke International GWH3 Datasheet HTML 22Page - Clarke International GWH3 Datasheet HTML 23Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
19
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
• A spare 0.6 and 0.9 mm tip are supplied loose and should be used when
using 0.6/0.8 mm mild steel solid wire.
12. Trim the welding wire so that it protrudes no more than 5 mm from the end of the
contact tip.
CONNECTING THE GAS CYLINDER
The welder can be configured to weld,
with or without a gas supply according to
the type of welding wire being used.
• Mild steel solid core (with gas)
• Flux cored (no gas)
1. Connect a bottled gas cylinder to the
connector at the back of the welder.
FITTING THE WELDING ROD
Select the appropriate welding rod and insert it into the welding rod holder.
• It should be approximately the same thickness as the workpieces being
welded.
PREPARING THE WORKPIECE
The area being welded should be perfectly clean. Any coating, plating or corrosion
must be removed, otherwise a good weld will be impossible to achieve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com