Electronic Components Datasheet Search
  English  ▼

X  

GWH3 Datasheet(PDF) 20 Page - Clarke International

Part # GWH3
Description  MIG/MMA/TIG INVERTER WELDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH3 Datasheet(HTML) 20 Page - Clarke International

Back Button GWH3 Datasheet HTML 16Page - Clarke International GWH3 Datasheet HTML 17Page - Clarke International GWH3 Datasheet HTML 18Page - Clarke International GWH3 Datasheet HTML 19Page - Clarke International GWH3 Datasheet HTML 20Page - Clarke International GWH3 Datasheet HTML 21Page - Clarke International GWH3 Datasheet HTML 22Page - Clarke International GWH3 Datasheet HTML 23Page - Clarke International GWH3 Datasheet HTML 24Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
20
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
CONFIGURING THE MACHINE
To prepare the machine for welding it is important that you follow the following
procedure.
Attach the earth clamp to the workpiece as close to the point of welding as possible
without it being intrusive.
Making sure that the ON/OFF switch, located on the rear panel is in the OFF position,
connect the welding leads and gas bottle as follows:
MIG WELDING WITH GAS
If using 0.9mm wire, connect the
earth clamp to the negative
terminal as shown.
FLUX WELDING NO GAS
If using 0.9mm flux cored wire,
connect the earth clamp to the
positive terminal as shown.
MMA ELECTRODE WELDING
Connect the earth clamp to the
negative terminal and the
electrode holder to the positive as
shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com