Electronic Components Datasheet Search
  English  ▼

X  

GWH3 Datasheet(PDF) 26 Page - Clarke International

Part # GWH3
Description  MIG/MMA/TIG INVERTER WELDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH3 Datasheet(HTML) 26 Page - Clarke International

Back Button GWH3 Datasheet HTML 22Page - Clarke International GWH3 Datasheet HTML 23Page - Clarke International GWH3 Datasheet HTML 24Page - Clarke International GWH3 Datasheet HTML 25Page - Clarke International GWH3 Datasheet HTML 26Page - Clarke International GWH3 Datasheet HTML 27Page - Clarke International GWH3 Datasheet HTML 28Page - Clarke International GWH3 Datasheet HTML 29Page - Clarke International GWH3 Datasheet HTML 30Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
26
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
TIG WELDING
Before TIG welding, you must obtain the correct torch and a gas cylinder of 100%
pure Argon. (see page 36)
To prepare the unit for TIG welding, adopt the following procedure.
1. Plug the work clamp lead in to the +ve terminal, and secure the work clamp to the
workpiece.
• For good contact, the work clamp must be attached to clean bare metal.
Clean with a wire brush where necessary.
2. Plug the torch lead to the -ve terminal.
3. Screw the pressure regulator on to the
gas bottle tightly, and attach the gas
hose to the inlet connector securely,
with a hose clip.
4. Turn the pressure regulator knob to
set a pressure of approx. 2.5kg/cm2
(35 lbf/in2).
5. Ensure the electrode at the torch
nozzle, protrudes by 4 - 5mm, also
ensure that the electrode is sharply
pointed with an angle of 40o- 60o if it
is not, grind it to shape.
6. Set the welding current in accordance
with the thickness of the material to
be welded and the size of tungsten
electrode to be used.
7. Switch on using the switch mounted
on the rear panel. The green light on
the front panel will glow.
8. If the machine stops at any time and the amber light comes on, the thermal
overload has intervened. Wait until the welder has cooled sufficiently (the amber
light goes out) before restarting work.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com