Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21990BBC Datasheet(PDF) 30 Page - Analog Devices

Part # ADSP-21990BBC
Description  Mixed-Signal DSP Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21990BBC Datasheet(HTML) 30 Page - Analog Devices

Back Button ADSP-21990BBC Datasheet HTML 26Page - Analog Devices ADSP-21990BBC Datasheet HTML 27Page - Analog Devices ADSP-21990BBC Datasheet HTML 28Page - Analog Devices ADSP-21990BBC Datasheet HTML 29Page - Analog Devices ADSP-21990BBC Datasheet HTML 30Page - Analog Devices ADSP-21990BBC Datasheet HTML 31Page - Analog Devices ADSP-21990BBC Datasheet HTML 32Page - Analog Devices ADSP-21990BBC Datasheet HTML 33Page - Analog Devices ADSP-21990BBC Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
Rev. A
|
Page 30 of 50
|
August 2007
ADSP-21990
External Port Read Cycle Timing
Table 10 and Figure 11 describe external port read operations.
For additional information on the ACK signal, see the discus-
sion on Page 28.
Table 10. External Port Read Cycle Timing
Parameter
1, 2
Min
Max
Unit
Timing Requirements
tAKW
ACK Strobe Pulse Width
tHCLK
ns
tRDA
RD Asserted to Data Access Setup
tEMICLK – 5 + W
3
ns
tADA
Address Valid to Data Access Setup
tEMICLK + W
3
ns
tSDA
Chip Select Asserted to Data Access Setup
tEMICLK + W
3
ns
tSD
Data Valid to RD Deasserted Setup
5
ns
tHRD
RD Deasserted to Data Invalid Hold
0
ns
tDRSAK
ACK Delay from XMS Low
0.5tEMICLK – 1
ns
Switching Characteristics
tCSRS
Chip Select Asserted to RD Asserted Delay
0.5tEMICLK – 3
ns
tARS
Address Valid to RD Setup and Delay
0.5tEMICLK – 3
ns
tRSCS
RD Deasserted to Chip Select Deasserted Setup
0.5tEMICLK – 2
ns
tRW
RD Strobe Pulse Width
tEMICLK–2 + W
3
ns
tRSA
RD Deasserted to Address Invalid Setup
0.5tHCLK – 2
ns
tRWR
RD Deasserted to WR, RD Asserted
tHCLK
1 tEMICLK is the external memory interface clock period. tHCLK is the peripheral clock period.
2 These are timing parameters that are based on worst-case operating conditions.
3 W = (number of wait states specified in wait register)
tEMICLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com