Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21990BBC Datasheet(PDF) 12 Page - Analog Devices

Part # ADSP-21990BBC
Description  Mixed-Signal DSP Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21990BBC Datasheet(HTML) 12 Page - Analog Devices

Back Button ADSP-21990BBC Datasheet HTML 8Page - Analog Devices ADSP-21990BBC Datasheet HTML 9Page - Analog Devices ADSP-21990BBC Datasheet HTML 10Page - Analog Devices ADSP-21990BBC Datasheet HTML 11Page - Analog Devices ADSP-21990BBC Datasheet HTML 12Page - Analog Devices ADSP-21990BBC Datasheet HTML 13Page - Analog Devices ADSP-21990BBC Datasheet HTML 14Page - Analog Devices ADSP-21990BBC Datasheet HTML 15Page - Analog Devices ADSP-21990BBC Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
Rev. A
|
Page 12 of 50
|
August 2007
ADSP-21990
LOW POWER OPERATION
The ADSP-21990 has four low power options that significantly
reduce the power dissipation when the device operates under
standby conditions. To enter any of these modes, the DSP exe-
cutes an IDLE instruction. The ADSP-21990 uses the
configuration of the PD, STCK, and STALL bits in the PLLCTL
register to select between the low power modes as the DSP exe-
cutes the IDLE instruction. Depending on the mode, an IDLE
shuts off clocks to different parts of the DSP in the different
modes. The low power modes are:
•Idle
•Power-down core
• Power-down core/peripherals
•Power-down all
Idle Mode
When the ADSP-21990 is in idle mode, the DSP core stops exe-
cuting instructions, retains the contents of the instruction
pipeline, and waits for an interrupt. The core clock and periph-
eral clock continue running.
To enter idle mode, the DSP can execute the IDLE instruction
anywhere in code. To exit Idle mode, the DSP responds to an
interrupt and (after two cycles of latency) resumes executing
instructions.
Power-Down Core Mode
When the ADSP-21990 is in power-down core mode, the DSP
core clock is off, but the DSP retains the contents of the pipeline
and keeps the PLL running. The peripheral bus keeps running,
letting the peripherals receive data.
To exit power-down core mode, the DSP responds to an inter-
rupt and (after two cycles of latency) resumes executing
instructions.
Power-Down Core/Peripherals Mode
When the ADSP-21990 is in power-down core/peripherals
mode, the DSP core clock and peripheral bus clock are off, but
the DSP keeps the PLL running. The DSP does not retain the
contents of the instruction pipeline.The peripheral bus is
stopped, so the peripherals cannot receive data.
To exit power-down core/peripherals mode, the DSP responds
to an interrupt and (after five to six cycles of latency) resumes
executing instructions.
Power-Down All Mode
When the ADSP-21990 is in power-down all mode, the DSP
core clock, the peripheral clock, and the PLL are all stopped.
The DSP does not retain the contents of the instruction pipe-
line. The peripheral bus is stopped, so the peripherals cannot
receive data.
To exit power-down core/peripherals mode, the DSP responds
to an interrupt and (after 500 cycles to restabilize the PLL)
resumes executing instructions.
CLOCK SIGNALS
The ADSP-21990 can be clocked by a crystal oscillator or a buff-
ered, shaped clock derived from an external clock oscillator. If a
crystal oscillator is used, the crystal should be connected across
the CLKIN and XTAL pins, with two capacitors connected as
shown in Figure 6. Capacitor values are dependent on crystal
type and should be specified by the crystal manufacturer. A par-
allel resonant, fundamental frequency, microprocessor grade
crystal should be used for this configuration.
If a buffered, shaped clock is used, this external clock connects
to the DSP CLKIN pin. CLKIN input cannot be halted, changed,
or operated below the specified frequency during normal opera-
tion. This clock signal should be a TTL-compatible signal.
When an external clock is used, the XTAL input must be left
unconnected.
The DSP provides a user-programmable 1
to 32
multiplica-
tion of the input clock, including some fractional values, to
support 128 external to internal (DSP core) clock ratios. The
BYPASS pin, and MSEL6–0 and DF bits, in the PLL configura-
tion register, decide the PLL multiplication factor at reset. At
run time, the multiplication factor can be controlled in software.
To support input clocks greater that 100 MHz, the PLL uses an
additional bit (DF). If the input clock is greater than 100 MHz,
DF must be set. If the input clock is less than 100 MHz, DF must
be cleared. For clock multiplier settings, see the ADSP-2199x
Mixed Signal DSP Controller Hardware Reference.
The peripheral clock is supplied to the CLKOUT pin.
All on-chip peripherals for the ADSP-21990 operate at the rate
set by the peripheral clock. The peripheral clock (HCLK) is
either equal to the core clock rate or one half the DSP core clock
rate (CCLK). This selection is controlled by the IOSEL bit in the
PLLCTL register. The maximum core clock is 160 MHz for the
ADSP-21990BST and 150 MHz for the ADSP-21990BBC. The
maximum peripheral clock is 80 MHz for the ADSP-21990BST
and 75 MHz for the ADSP-21990BBC—the combination of the
input clock and core/peripheral clock ratios may not exceed
these limits.
Figure 6. External Crystal Connections
CLKIN
XTAL
ADSP-2199x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com