Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21990BBC Datasheet(PDF) 38 Page - Analog Devices

Part # ADSP-21990BBC
Description  Mixed-Signal DSP Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21990BBC Datasheet(HTML) 38 Page - Analog Devices

Back Button ADSP-21990BBC Datasheet HTML 34Page - Analog Devices ADSP-21990BBC Datasheet HTML 35Page - Analog Devices ADSP-21990BBC Datasheet HTML 36Page - Analog Devices ADSP-21990BBC Datasheet HTML 37Page - Analog Devices ADSP-21990BBC Datasheet HTML 38Page - Analog Devices ADSP-21990BBC Datasheet HTML 39Page - Analog Devices ADSP-21990BBC Datasheet HTML 40Page - Analog Devices ADSP-21990BBC Datasheet HTML 41Page - Analog Devices ADSP-21990BBC Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
Rev. A
|
Page 38 of 50
|
August 2007
ADSP-21990
Serial Peripheral Interface Port—Slave Timing
Table 14 and Figure 17 describe SPI port slave operations.
Table 14. Serial Peripheral Interface (SPI) Port—Slave Timing
Parameter
Min
Max
Unit
Timing Requirements
tSPICHS
Serial Clock High Period
2tHCLK
ns
tSPICLS
Serial Clock Low Period
2tHCLK
ns
tSPICLK
Serial Clock Period
4tHCLK
ns
tHDS
Last SPICLK Edge to SPISS Not Asserted
2tHCLK
ns
tSPITDS
Sequential Transfer Delay
2tHCLK + 4
ns
tSDSCI
SPISS Assertion to First SPICLK Edge
2tHCLK
ns
tSSPID
Data Input Valid to SCLK Edge (Data Input Setup)
1.6
ns
tHSPID
SCLK Sampling Edge to Data Input Invalid (Data In Hold)
2.4
ns
Switching Characteristics
tDSOE
SPISS Assertion to Data Out Active
0
8
ns
tDSDHI
SPISS Deassertion to Data High Impedance
0
10
ns
tDDSPID
SCLK Edge to Data Out Valid (Data Out Delay)
0
10
ns
tHDSPID
SCLK Edge to Data Out Invalid (Data Out Hold)
0
10
ns
Figure 17. Serial Peripheral Interface (SPI) Port—Slave Timing
tHSPID
tDDSPID
tDSDHI
LSB
MSB
MSB
VALID
tHSPID
tDSOE
tHDSPID
MISO
(OUTPUT)
MOSI
(INPUT)
SPISS
(INPUT)
SCLK
(CPOL = 0)
(INPUT)
SCLK
(CPOL = 1)
(INPUT)
tSPICHS
tSPICLS
tSPICLS
tSPICLK
tHDS
tSPICHS
tSSPID
tHSPID
tDSDHI
LSB
VALID
MSB
MSB
VALID
tDSOE
tDDSPID
MISO
(OUTPUT)
MOSI
(INPUT)
LSB
VALID
LSB
tSPITDS
tDDSPID
CPHA = 0
CPHA = 1
tSDSCI
tSSPID
tSSPID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com