Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21990BBC Datasheet(PDF) 40 Page - Analog Devices

Part # ADSP-21990BBC
Description  Mixed-Signal DSP Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21990BBC Datasheet(HTML) 40 Page - Analog Devices

Back Button ADSP-21990BBC Datasheet HTML 36Page - Analog Devices ADSP-21990BBC Datasheet HTML 37Page - Analog Devices ADSP-21990BBC Datasheet HTML 38Page - Analog Devices ADSP-21990BBC Datasheet HTML 39Page - Analog Devices ADSP-21990BBC Datasheet HTML 40Page - Analog Devices ADSP-21990BBC Datasheet HTML 41Page - Analog Devices ADSP-21990BBC Datasheet HTML 42Page - Analog Devices ADSP-21990BBC Datasheet HTML 43Page - Analog Devices ADSP-21990BBC Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
Rev. A
|
Page 40 of 50
|
August 2007
ADSP-21990
POWER DISSIPATION
Total power dissipation has two components, one due to inter-
nal circuitry and one due to the switching of external output
drivers. Internal power dissipation is dependent on the instruc-
tion execution sequence and the data operands involved.
The external component of total power dissipation is caused by
the switching of output pins. Its magnitude depends on:
• Number of output pins that switch during each cycle (O)
• The maximum frequency at which they can switch (f)
• Their load capacitance (C)
• Their voltage swing (VDD)
and is calculated by the formula below.
The load capacitance includes the processor package capaci-
tance (CIN). The switching frequency includes driving the load
high and then back low. Address and data pins can drive high
and low at a maximum rate of 1/(2tCK). The write strobe can
switch every cycle at a frequency of 1/tCK. Select pins switch at
1/(2tCK), but selects can switch on each cycle. For example, esti-
mate PEXT with the following assumptions:
• A system with one bank of external data memory—asyn-
chronous RAM (16-bit)
•One 64K
16 RAM chip is used with a load of 10 pF
• Maximum peripheral speed CCLK = 80 MHz, HCLK =
80 MHz
• External data memory writes occur every other cycle, a rate
of 1/(4tHCLK), with 50% of the pins switching
• The bus cycle time is 80 MHz (tHCLK = 12.5 ns)
The PEXT equation is calculated for each class of pins that can
drive as shown in Table 16.
A typical power consumption can now be calculated for these
conditions by adding a typical internal power dissipation with
the following formula.
Where:
• PEXT is from Table 16.
• PINT is IDDINT
2.5 V, using the calculation IDDINT listed in
Power Dissipation.
Note that the conditions causing a worst-case PEXT are different
from those causing a worst-case PINT. Maximum PINT cannot
occur while 100% of the output pins are switching from all ones
to all zeros. Note also that it is not common for an application to
have 100% or even 50% of the outputs switching
simultaneously.
P
EXT
OC
×
V
DD
2
×
f
×
=
P
TOTAL
P
=
EXT
P
INT
+
Table 16. PEXT Calculation Example
Pin Type
Number of Pins
% Switching
C
f
VDD
2
= PEXT
Address
15
50
10 pF
20 MHz
10.9 V
= 0.01635 W
MSx
1
0
10 pF
20 MHz
10.9 V
= 0.0 W
WR
1
10 pF
40 MHz
10.9 V
= 0.00436 W
Data
16
50
10 pF
20 MHz
10.9 V
= 0.01744 W
CLKOUT
1
10 pF
80 MHz
10.9 V
= 0.00872 W
= 0.04687 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com