| Electronic Components Datasheet Search |
|
ADSP-21990BBC Datasheet(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-21990BBC Datasheet(HTML) 16 Page - Analog Devices |
|
16 / 50 page ![]() Rev. A | Page 16 of 50 | August 2007 ADSP-21990 PIN FUNCTION DESCRIPTIONS ADSP-21990 pin definitions are listed in Table 4. All ADSP-21990 inputs are asynchronous and can be asserted asyn- chronously to CLKIN (or to TCK for TRST). Unused inputs should be tied or pulled to VDDEXT or GND, except for ADDR21–0, DATA15–0, PF7-0, and inputs that have internal pull-up or pull-down resistors (TRST, BMODE0, BMODE1, BMODE2, BYPASS, TCK, TMS, TDI, PWMPOL, PWMSR, and RESET)—these pins can be left floating. These pins have a logic level hold circuit that prevents input from floating internally. PWMTRIP has an internal pull-down, but should not be left floating to avoid unnecessary PWM shutdowns. The following symbols appear in the Type column of Table 4: G = ground, I = input, O = output, P = power supply, B = bidirectional, T = three-state, D = digital, A = analog, CKG = clock generation pin, PU = internal pull-up, and PD = internal pull-down. Table 4. Pin Descriptions Name Type Function A19-0 D, OT External Port Address Bus D15-0 D, BT External Port Data Bus RD D, OT External Port Read Strobe WR D, OT External Port Write Strobe ACK D, I External Port Access Ready Acknowledge BR D, I, PU External Port Bus Request BG D, O External Port Bus Grant BGH D, O External Port Bus Grant Hang MS0 D, OT External Port Memory Select Strobe 0 MS1 D, OT External Port Memory Select Strobe 1 MS2 D, OT External Port Memory Select Strobe 2 MS3 D, OT External Port Memory Select Strobe 3 IOMS D, OT External Port I/O Space Select Strobe BMS D, OT External Port Boot Memory Select Strobe CLKIN D, I, CKG Clock Input/Oscillator Input/Crystal Connection 0 XTAL D, O, CKG Oscillator Output/ Crystal Connection 1 CLKOUT D, O Clock Output (HCLK) BYPASS D, I, PU PLL Bypass Mode Select RESET D, I, PU Processor Reset Input POR D, O Power on Reset Output BMODE2 D, I, PU Boot Mode Select Input 2 BMODE1 D, I, PD Boot Mode Select Input 1 BMODE0 D, I, PU Boot Mode Select Input 0 TCK D, I JTAG Test Clock TMS D, I, PU JTAG Test Mode Select TDI D, I, PU JTAG Test Data Input TDO D, OT JTAG Test Data Output TRST D, I, PU JTAG Test Reset Input EMU D, OT, PU Emulation Status VIN0 A, I ADC Input 0 VIN1 A, I ADC Input 1 VIN2 A, I ADC Input 2 VIN3 A, I ADC Input 3 VIN4 A, I ADC Input 4 VIN5 A, I ADC Input 5 VIN6 A, I ADC Input 6 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |