Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21990BBC Datasheet(PDF) 9 Page - Analog Devices

Part # ADSP-21990BBC
Description  Mixed-Signal DSP Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21990BBC Datasheet(HTML) 9 Page - Analog Devices

Back Button ADSP-21990BBC Datasheet HTML 5Page - Analog Devices ADSP-21990BBC Datasheet HTML 6Page - Analog Devices ADSP-21990BBC Datasheet HTML 7Page - Analog Devices ADSP-21990BBC Datasheet HTML 8Page - Analog Devices ADSP-21990BBC Datasheet HTML 9Page - Analog Devices ADSP-21990BBC Datasheet HTML 10Page - Analog Devices ADSP-21990BBC Datasheet HTML 11Page - Analog Devices ADSP-21990BBC Datasheet HTML 12Page - Analog Devices ADSP-21990BBC Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
ADSP-21990
Rev. A
|
Page 9 of 50
|
August 2007
a clock rate that is programmable from HCLK
4 to
HCLK
30, to a maximum of 20 MHz (at 160 MHz
CCLK rate).
The ADC input structure supports eight independent analog
inputs; four of which are multiplexed into one sample-and-hold
amplifier (A_SHA) and four of which are multiplexed into the
other sample-and-hold amplifier (B_SHA).
At the 20 MHz sampling rate, the first data value is valid
approximately 375 ns after the convert start command. All eight
channels are converted in approximately 725 ns.
The core of the ADSP-21990 provides 14-bit data such that the
stored data values in the ADC data registers are 14 bits wide.
VOLTAGE REFERENCE
The ADSP-21990 contains an on-board band gap reference that
can be used to provide a precise 1.0 V output for use by the
analog-to-digital system and externally on the VREF pin for
biasing and level shifting functions. Additionally, the ADSP-
21990 may be configured to operate with an external reference
applied to the VREF pin, if required.
PWM GENERATION UNIT
Key features of the 3-phase PWM generation unit are:
• 16-bit, center-based PWM generation unit.
• Programmable PWM pulse width, with resolutions to
12.5 ns (at 80 MHz HCLK rate).
• Single/double update modes.
• Programmable dead time and switching frequency.
• Twos complement implementation permits smooth transi-
tion into full ON and full OFF states.
• Possibility to synchronize the PWM generation to an exter-
nal synchronization.
• Special provisions for BDCM operation (crossover and
output enable functions).
• Wide variety of special switched reluctance (SR) operating
modes.
• Output polarity and clock gating control.
• Dedicated asynchronous PWM shutdown signal.
• Multiple shutdown sources, independently for each unit.
The ADSP-21990 integrates a flexible and programmable,
3-phase PWM waveform generator that can be programmed to
generate the required switching patterns to drive a 3-phase volt-
age source inverter for ac induction (ACIM) or permanent
magnet synchronous (PMSM) motor control. In addition, the
PWM block contains special functions that considerably sim-
plify the generation of the required PWM switching patterns for
control of the electronically commutated motor (ECM) or
brushless dc motor (BDCM). Tying a dedicated pin, PWMSR,
to GND, enables a special mode, for switched reluctance
motors (SRM).
The six PWM output signals consist of three high side drive pins
(AH, BH, and CH) and three low side drive signals pins (AL, BL,
and CL). The polarity of the generated PWM signals may be set
via hardware by the PWMPOL input pin, so that either active
HI or active LO PWM patterns can be produced.
The switching frequency of the generated PWM patterns is pro-
grammable using the 16-bit PWMTM register. The PWM
generator is capable of operating in two distinct modes, single
update mode or double update mode. In single update mode the
duty cycle values are programmable only once per PWM period,
so that the resultant PWM patterns are symmetrical about the
midpoint of the PWM period. In the double update mode, a sec-
ond updating of the PWM registers is implemented at the
midpoint of the PWM period. In this mode, it is possible to pro-
duce asymmetrical PWM patterns. that produce lower
harmonic distortion in 3-phase PWM inverters.
AUXILIARY PWM GENERATION UNIT
Key features of the auxiliary PWM generation unit are:
• 16-bit, programmable frequency, programmable duty cycle
PWM outputs.
• Independent or offset operating modes.
• Double buffered control of duty cycle and period registers.
• Separate auxiliary PWM synchronization signal and associ-
ated interrupt (can be used to trigger ADC convert start).
• Separate auxiliary PWM shutdown signal (AUXTRIP).
The ADSP-21990 integrates a 2-channel, 16-bit, auxiliary PWM
output unit that can be programmed with variable frequency,
variable duty cycle values and may operate in two different
modes, independent mode or offset mode. In independent
mode, the two auxiliary PWM generators are completely inde-
pendent and separate switching frequencies and duty cycles may
be programmed for each auxiliary PWM output. In offset mode
the switching frequency of the two signals on the AUX0 and
AUX1 pins is identical. Bit 4 of the AUXCTRL register places
the auxiliary PWM channel pair in independent or offset mode.
The auxiliary PWM generation unit provides two chip output
pins, AUX0 and AUX1 (on which the switching signals appear)
and one chip input pin, AUXTRIP, which can be used to shut
down the switching signals—for example, in a fault condition.
ENCODER INTERFACE UNIT
The ADSP-21990 incorporates a powerful encoder interface
block to incremental shaft encoders that are often used for posi-
tion feedback in high performance motion control systems.
• Quadrature rates to 53 MHz (at 80 MHz HCLK rate).
• Programmable filtering of all encoder input signals.
• 32-bit encoder counter.
• Variety of hardware and software reset modes.
• Two registration inputs to latch EIU count value with cor-
responding registration interrupt.
• Status of A/B signals latched with reading of EIU
count value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com