Electronic Components Datasheet Search
  English  ▼

X  

EM78P342NP Datasheet(PDF) 17 Page - ELAN Microelectronics Corp

Part # EM78P342NP
Description  8-Bit Microprocessor with OTP ROM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P342NP Datasheet(HTML) 17 Page - ELAN Microelectronics Corp

Back Button EM78P342NP Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 21Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 102 page
background image
EM78P341N/342N/343N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 12.01.2006
• 11
(This specification is subject to change without further notice)
6.1.6 R5 ~ R6 (Port 5 ~ Port 6)
R5 & R6 are I/O registers
The upper two bits of R5 are fixed to “0” (if EM78P342N is selected).
Only the lower six bits of R5 are available (this applies to EM78P342N only
since EM78P343N can use all the bits)
6.1.7 R7 (Port 7)
Bit
7
6
5
4
3
2
1
0
EM78P342N/343N
‘0’
‘0’
‘0’
‘0’
‘0’
‘0’
I/O
I/O
ICE342N
C3
C2
C1
C0
RCM1
RCM0
I/O
I/O
NOTE
R7 is an I/O register
For EM78P342N/343N, only the lower 2 bit of R7 is available.
Bit 7 ~ Bit 2:
[With EM78P342N/343N]: Unimplemented, read as ‘0’.
[With Simulator (C3~C0, RCM1, & RCM0)]: IRC calibration bits in IRC oscillator
mode. In IRC oscillator mode of ICE342N simulator, these
are the IRC mode selection bits and IRC calibration bits.
Bit 7 ~ Bit 4 (C3 ~ C0): Calibrator of internal RC mode
C3
C2
C1
C0
Frequency (MHz)
0
0
0
0
(1-36%) x F
0
0
0
1
(1-31.5%) x F
0
0
1
0
(1-27%) x F
0
0
1
1
(1-22.5%) x F
0
1
0
0
(1-18%) x F
0
1
0
1
(1-13.5%) x F
0
1
1
0
(1-9%) x F
0
1
1
1
(1-4.5%) x F
1
1
1
1
F (default)
1
1
1
0
(1+4.5%) x F
1
1
0
1
(1+9%) x F
1
1
0
0
(1+135%) x F
1
0
1
1
(1+18%) x F
1
0
1
0
(1+22.5%) x F
1
0
0
1
(1+27%) x F
1
0
0
0
(1+31.5%) x F
Note:
1. Frequency values shown are theoretical and taken from an instance of a high frequency mode.
Hence, they are shown for reference only. Definite values depend on the actual process.
2. Similar way of calculation is also applicable for low frequency mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com