Electronic Components Datasheet Search
  English  ▼

X  

EM78P342NP Datasheet(PDF) 62 Page - ELAN Microelectronics Corp

Part # EM78P342NP
Description  8-Bit Microprocessor with OTP ROM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P342NP Datasheet(HTML) 62 Page - ELAN Microelectronics Corp

Back Button EM78P342NP Datasheet HTML 58Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 59Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 60Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 61Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 62Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 63Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 64Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 65Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 66Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 102 page
background image
EM78P341N/342N/343N
8-Bit Microprocessor with OTP ROM
56
•
Product Specification (V1.0) 12.01.2006
(This specification is subject to change without further notice)
Bit 5 ~ Bit 3 (VOF[2] ~ VOF[0]): Offset voltage bits
VOF[2]
VOF[1]
VOF[0]
EM78P342N/343N
ICE342N
0
0
0
0LSB
0LSB
0
0
1
2LSB
2LSB
0
1
0
4LSB
4LSB
0
1
1
6LSB
6LSB
1
0
0
8LSB
8LSB
1
0
1
10LSB
10LSB
1
1
0
12LSB
12LSB
1
1
1
14LSB
14LSB
Bit 2 ~ Bit 0: Unimplemented, read as ‘0’.
6.7.2 ADC Data Register (ADDATA/RB, ADDATA1H/RC, ADDATA1L/RD)
When the AD conversion is completed, the result is loaded to the ADDATA, ADDATA1H
and ADDATA1L registers. The ADRUN bit is cleared, and the ADIF is set.
6.7.3 ADC Sampling Time
The accuracy, linearity, and speed of the successive approximation of AD converter are
dependent on the properties of the ADC and the comparator. The source impedance
and the internal sampling impedance directly affect the time required to charge the
sample holding capacitor. The application program controls the length of the sample
time to meet the specified accuracy. Generally speaking, the program should wait for
2
µs for each KΩ of the analog source impedance and at least 2µs for the low-impedance
source. The maximum recommended impedance for analog source is 10K
Ω at Vdd=5V.
After the analog input channel is selected, this acquisition time must be done before the
conversion is started.
6.7.4 AD Conversion Time
CKR1 and CKR0 select the conversion time (Tct), in terms of instruction cycles. This
allows the MCU to run at a maximum frequency without sacrificing the AD conversion
accuracy. For the EM78P342N/343N, the conversion time per bit is 4
µs. The table
below shows the relationship between Tct and the maximum operating frequencies.
CKR1: CKR0 Operation Mode
Max. Operation
Frequency
Max. Conversion
Rate/Bit
Max. Conversion Rate
00
Fsco/16
4 MHz
250kHz (4µs)
15
×4µs=60µs(16.7kHz)
01
Fsco/4
1MHz
250kHz (4µs)
15
×4µs=60µs(16.7kHz)
10
Fsco/64
16MHz
250kHz( 4µs)
15
×4µs=60µs(16.7kHz)
11
Fsco/8
2MHz
250kHz (4µs)
15
×4µs=1065µs(16.7kHz)
NOTE
■ Pin not used as an analog input pin can be used as a regular input or output pin.
■ During conversion, do not perform output instruction to maintain precision for all of
the pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com