Electronic Components Datasheet Search
  English  ▼

X  

EM78P342NP Datasheet(PDF) 71 Page - ELAN Microelectronics Corp

Part # EM78P342NP
Description  8-Bit Microprocessor with OTP ROM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P342NP Datasheet(HTML) 71 Page - ELAN Microelectronics Corp

Back Button EM78P342NP Datasheet HTML 67Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 68Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 69Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 70Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 71Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 72Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 73Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 74Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 75Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 102 page
background image
EM78P341N/342N/343N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 12.01.2006
• 65
(This specification is subject to change without further notice)
TCCBH / MSB Counter (IOC71):
IOC71 is an 8-bit clock counter for the most significant byte of TCCBX
(TCCBH). It can be read, written to, and cleared on any reset condition.
When TCCBHE (IOC90) is “0,” then TCCBH is disabled. When TCCBHE is”1,”
then TCCB is a 16-bit length counter.
NOTE
When TCCBH is Disabled:
TCCB timeout period [1/Fosc x ( 256 - TCCB cnt ) x 1 (CLK=2)]
TCCB timeout period [1/Fosc x ( 256 - TCCB cnt ) x 2 (CLK=4)]
When TCCBH is Enabled:
TCCB timeout period {1/Fosc x [ 65536 - (TCCBH * 256 + TCCB cnt)] x 1 (CLK=2)}
TCCB timeout period {1/Fosc x [ 65536 - (TCCBH * 256 + TCCB cnt)] x 2 (CLK=4)}
TCCC Counter (IOC81):
IOC81 (TCCC) is an 8-bit clock counter. It can be read, written to, and cleared
on any reset condition.
If HF (Bit 2 of IOCA0) = 1 and IRE (Bit 3 of IOCA0) = 1, TCCC counter scale
uses the low-time segments of the pulse generated by Fcarrier frequency
modulation (see Fig. 6-11 in Section 6.8.2, Function Description). The TCCC
value will then be the TCCC predicted value.
When HP = 0 or IRE = 0. The TCCC is an Up Counter.
NOTE
In TCCC Up Counter mode:
■ TCCC timeout period [1/Fosc x scaler (IOCA0) x (256-TCCC cnt) x 1(CLK=2)]
■ TCCC timeout period [1/Fosc x scaler (IOCA0) x (256-TCCC cnt) x 2(CLK=4)]
When HP = 1 and IRE = 1, the TCCC counter scale uses the low-time
segments of the pulse generated by the Fcarrier frequency modulation.
NOTE
In IR mode:
■ Fcarrier = FT/ 2 { [1+decimal TCCC Counter value (IOC81)] x TCCC Scale (IOCA0) }
■ FT is system clock: FT = Fosc/1 (CLK=2)
FT = Fosc/2 (CLK=4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com