| Electronic Components Datasheet Search |
|
EM78P342NP Datasheet(PDF) 33 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P342NP Datasheet(HTML) 33 Page - ELAN Microelectronics Corp |
|
33 / 102 page ![]() EM78P341N/342N/343N 8-Bit Microprocessor with OTP ROM Product Specification (V1.0) 12.01.2006 • 27 (This specification is subject to change without further notice) 6.2.16 IOC91 (Low-Time Register) The 8-bit Low-time register controls the active or Low segment of the pulse. The decimal value of its contents determines the number of oscillator cycles and verifies that the IR OUT pin is active. The active period of IR OUT can be calculated as follows: NOTE ■ Low time width = { [1+decimal low-time value (IOC91)] * Low time Scale (IOCB1) } / FT ■ FT is system clock: FT = Fosc/1 (CLK=2) FT = Fosc/2 (CLK=4) When an interrupt is generated by the Low time down counter underflow (if enabled), the next instruction will be fetched from address 015H (Low time). 6.2.17 IOCA1 (High Time Register) The 8-bit High-time register controls the inactive or High period of the pulse. The decimal value of its contents determines the number of oscillator cycles and verifies that the IR OUT pin is inactive. The inactive period of IR OUT can be calculated as follows: NOTE ■ High time width = {[1+decimal high-time value (IOCA1)] * High time Scale (IOCB1) } / FT ■ FT is system clock: FT=Fosc/1(CLK=2) FT=Fosc/2(CLK=4) When an interrupt is generated by the High time down counter underflow (when enabled), the next instruction will be fetched from Address 012H (High time). 6.2.18 IOCB1 High/Low Time Scale Control Register) Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 HTSE HTS2 HTS1 HTS0 LTSE LTS2 LTS1 LTS0 Bit 7 (HTSE): High-time scale enable bit 0 = scale disable bit, High-time rate is 1:1 1 = scale enable bit, High-time rate is set as Bit 6~Bit 4. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |