Electronic Components Datasheet Search
  English  ▼

X  

EM78P342NP Datasheet(PDF) 79 Page - ELAN Microelectronics Corp

Part # EM78P342NP
Description  8-Bit Microprocessor with OTP ROM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P342NP Datasheet(HTML) 79 Page - ELAN Microelectronics Corp

Back Button EM78P342NP Datasheet HTML 75Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 76Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 77Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 78Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 79Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 80Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 81Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 82Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 83Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 102 page
background image
EM78P341N/342N/343N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 12.01.2006
• 73
(This specification is subject to change without further notice)
6.12 Power-on Considerations
Any microcontroller is not warranted to start operating properly before the power supply
stabilizes in steady state. The EM78P341N/342N/343N POR voltage range is 1.55 ~
1.7V. Under customer application, when power is switched OFF, Vdd must drop below
1.9V and remains at OFF state for 10
µs before power can be switched ON again.
Subsequently, the EM78P341N/342N/343N will reset and work normally. The extra
external reset circuit will work well if Vdd rises fast enough (50ms or less). However,
under critical applications, extra devices are still required to assist in solving power-on
problems.
6.12.1 Programmable WDT Time-out Period
The Option word (WDTPS) is used to define the WDT time-out period (18ms
5 or
4.5ms
6). Theoretically, the range is from 4.5ms or 18ms. For most crystal or ceramic
resonators, the lower the operation frequency is, the longer is the required set-up time.
6.12.2 External Power-on Reset Circuit
The circuit shown in the following figure implements an external RC to produce a reset
pulse. The pulse width (time constant) should be kept long enough to allow the Vdd to
reach the minimum operating voltage. This circuit is used when the power supply has a
slow power rise time. Because the current leakage from the /RESET pin is about
±5µA,
it is recommended that R should not be greater than 40 K. This way, the voltage at Pin
/RESET is held below 0.2V. The diode (D) functions as a short circuit at power-down.
The “C” capacitor is discharged rapidly and fully. Rin, the current-limited resistor,
prevents high current discharge or ESD (electrostatic discharge) from flowing into Pin
/RESET.
/RESET
Vdd
D
R
Rin
C
Fig. 6-22 External Power-on Reset Circuit
5
VDD=5V, WDT time-out period = 16.5ms ± 30%.
VDD=3V, WDT time-out period = 18ms ± 30%.
6
VDD=5V, WDT time-out period = 4.2ms ± 30%.
VDD=3V, WDT time-out period = 4.5ms ± 30%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com