Electronic Components Datasheet Search
  English  ▼

X  

EM78P342NP Datasheet(PDF) 89 Page - ELAN Microelectronics Corp

Part # EM78P342NP
Description  8-Bit Microprocessor with OTP ROM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P342NP Datasheet(HTML) 89 Page - ELAN Microelectronics Corp

Back Button EM78P342NP Datasheet HTML 85Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 86Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 87Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 88Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 89Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 90Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 91Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 92Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 93Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 102 page
background image
EM78P341N/342N/343N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 12.01.2006
• 83
(This specification is subject to change without further notice)
7
Absolute Maximum Ratings
Items
Rating
Temperature under bias
-40
°C
to
85
°C
Storage temperature
-65
°C
to
150
°C
Input voltage
Vss-0.3V
to
Vdd+0.5V
Output voltage
Vss-0.3V
to
Vdd+0.5V
Working Voltage
2.5V
to
5.5V
Working Frequency
DC
to
20MHz
8
DC Electrical Characteristics
Ta=25
°C, VDD=5.0V±5%, VSS=0V
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Crystal: VDD to 5V
DC
−
20
MHz
Crystal: VDD to 3V
Two cycles with two clocks
DC
−
8
MHz
ERC: VDD to 5V
R: 5.1K
Ω, C: 100 pF
F
±30%
830
F
±30%
kHz
Fxt
IRC: VDD to 5 V
8MHz,4MHz, 1MHz, 455kHz
F
±30%
F
F
±30%
Hz
IRC1
IRC:VDD to 5V
RCM0:RCM1=1:1
3.84
4.0
4.16
MHz
IRC2
IRC:VDD to 5V
RCM0:RCM1=1:0
7.68
8.0
8.32
MHz
IRC3
IRC:VDD to 5V
RCM0:RCM1=0:1
0.96
1.0
1.06
MHz
IRC4
IRC:VDD to 5V
RCM0:RCM1=0:0
436.8
455
473.2
kHz
VIHRC
Input High Threshold
Voltage (Schmitt Trigger )
OSCI in RC mode
−
3.5
−
V
VILRC
Input Low Threshold
Voltage (Schmitt Trigger )
OSCI in RC mode
−
1.5
−
V
IIL
Input Leakage Current for
input pins
VIN = VDD, VSS
-1
0
1
µA
VIH1
Input High Voltage
(Schmitt Trigger )
Ports 5, 6, 7
−
3.75
−
V
VIL1
Input Low Voltage
(Schmitt Trigger )
Ports 5, 6, 7
−
1.25
−
V
VIHT1
Input High Threshold
Voltage (Schmitt Trigger )
/RESET
−
2.0
−
V
VILT1
Input Low Threshold
Voltage (Schmitt Trigger )
/RESET
−
1.0
−
V
VIHT2
Input High Threshold
Voltage (Schmitt Trigger )
TCC, INT
−
3.75
−
V
VILT2
Input Low Threshold
Voltage (Schmitt Trigger )
TCC, INT
−
1.25
−
V
VIHX1 Clock Input High Voltage
OSCI in crystal mode
−
3.5
−
V
VILX1
Clock Input Low Voltage
OSCI in crystal mode
−
1.5
−
V
IOH1
Output High Voltage
(Ports 5, P60~66,P70)
VOH = VDD-0.5V
−
-3.7
−
mA
IOH2
Output High Voltage
(IR OUT (Port 67))
VOH = VDD-0.5V
−
-10
−
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com