Electronic Components Datasheet Search
  English  ▼

X  

EM78P342NP Datasheet(PDF) 65 Page - ELAN Microelectronics Corp

Part # EM78P342NP
Description  8-Bit Microprocessor with OTP ROM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P342NP Datasheet(HTML) 65 Page - ELAN Microelectronics Corp

Back Button EM78P342NP Datasheet HTML 61Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 62Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 63Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 64Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 65Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 66Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 67Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 68Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 69Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 102 page
background image
EM78P341N/342N/343N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 12.01.2006
• 59
(This specification is subject to change without further notice)
CLRRE:
MOV A,RE
AND A, @0BXX0XXXXX
; To clear the ADIF bit, “X” by application
MOV RE,A
BS ADCON, ADRUN
; To start to execute the next AD conversion
if necessary
RETI
INITIAL:
MOV A,@0B00000001
; To define P50 as an analog input
MOV AISR,A
MOV A,@0B00001000
; To select P50 as an analog input channel, and
AD power on
MOV ADCON,A
; To define P50 as an input pin and set clock
rate at fosc/16
En_ADC:
MOV A, @0BXXXXXXX1
; To define P50 as an input pin, and the others
IOW PORT5
; are dependent on applications
MOV A, @0BXXXX1XXX
; Enable the ADWE wake-up function of ADC, “X”
by application
MOV RE,A
MOV A, @0BXXXX1XXX
; Enable the ADIE interrupt function of ADC,
“X” by application
IOW C_INT
ENI
; Enable the interrupt function
BS ADCON, ADRUN
; Start to run the ADC
; If the interrupt function is employed, the following three lines
may be ignored
;If Sleep:
SLEP
;
;(User program section)
;
or
;If Polling:
POLLING:
JBC ADCON, ADRUN
; To check the ADRUN bit continuously;
JMP POLLING
; ADRUN bit will be reset as the AD conversion
is completed
;
;(User program section)
;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com