Electronic Components Datasheet Search
  English  ▼

X  

EM78P342NP Datasheet(PDF) 69 Page - ELAN Microelectronics Corp

Part # EM78P342NP
Description  8-Bit Microprocessor with OTP ROM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P342NP Datasheet(HTML) 69 Page - ELAN Microelectronics Corp

Back Button EM78P342NP Datasheet HTML 65Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 66Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 67Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 68Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 69Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 70Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 71Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 72Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 73Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 102 page
background image
EM78P341N/342N/343N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 12.01.2006
• 63
(This specification is subject to change without further notice)
The following figure shows
LGP=1 and HF=1. When this bit is set to high level, the
high-time segment of the pulse is ignored. So, IROUT waveform output is determined
by low-time width.
low time width
low time width
low time width
Fcarrier
HF
IROUT
IRE
IR disable
Start
Always high-level
Fig. 6-13e LGP=1 and HP=1, IROUT Pin Output Waveform
6.8.3 Programming the Related Registers
When defining IR/PWM, refer to the operation of the related registers as shown in the
tables below.
IR/PWM Related Control Registers
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x09
IOC90 TCCBHE/0TCCBEN/0 TCCBTS/0 TCCBTE/0
0
TCCCEN/0TCCCTS/0 TCCCTE/0
0X0A
IR CR
/IOCA0
TCCCSE/0 TCCCS2/0 TCCCS1/0 TCCCS0/0
IRE/0
HF/0
LGP/0
IROUTE/0
0x0F
IMR
/IOCF0
LPWTIE/0 HPWTIE/0 TCCCIE/0 TCCBIE/0 TCCAIE/0
EXIE/0
ICIE/0
TCIE/0
0X0B
HLTS
/IOCB1
HTSE/0
HTS2/0
HTS1/0
HTS0/0
LTSE/0
LTS2/0
LTS1/0
LTS0/0
IR/PWM Related Status/Data Registers
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x0F
ISR/RF LPWTIF/0 HPWTIF/0 TCCCIF/0 TCCBIF/0 TCCAIF/0
EXIF/0
ICIF/0
TCIF/0
0x06
TCCC
/IOC81
TCCC7/0 TCCC6/0 TCCC5/0 TCCC4/0 TCCC3/0 TCCC2/0 TCCC1/0 TCCC0/0
0X09
LTR
/IOC91
LTR7/0
LTR6/0
LTR5/0
LTR4/0
LTR3/0
LTR2/0
LTR1/0
LTR0/0
0X0A
HTR
/IOCA1
HTR7/0
HTR6/0
HTR5/0
HTR4/0
HTR3/0
HTR2/0
HTR1/0
HTR0/0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com