Electronic Components Datasheet Search
  English  ▼

X  

AD8342 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8342
Description  Active Receive Mixer Low Frequency to 3.8 GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8342 Datasheet HTML 3Page - Analog Devices AD8342 Datasheet HTML 4Page - Analog Devices AD8342 Datasheet HTML 5Page - Analog Devices AD8342 Datasheet HTML 6Page - Analog Devices AD8342 Datasheet HTML 7Page - Analog Devices AD8342 Datasheet HTML 8Page - Analog Devices AD8342 Datasheet HTML 9Page - Analog Devices AD8342 Datasheet HTML 10Page - Analog Devices AD8342 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Data Sheet
AD8342
Rev. C | Page 7 of 25
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V, TA = 25°C, RF power = −10 dBm, LO power = 0 dBm, ZO = 50 Ω, RBIAS = 1.82 kΩ, RF termination 100 Ω, IF load = 100 Ω
differential, unless otherwise noted.
RF FREQUENCY (MHz)
IF = 10MHz
50
550
100
150
200
250
300
350
400
450
500
IF = 90MHz
6
5
4
3
2
1
IF = 48MHz
IF = 140MHz
Figure 3. Conversion Gain vs. RF Frequency
5
0
LO LEVEL (dBm)
–15
–10
–5
0
5
IF = 48MHz
IF = 90MHz
IF = 140MHz
4
3
2
1
IF = 10MHz
Figure 4. Gain vs. LO Level, RF Frequency = 238 MHz
5.0
0
TEMPERATURE (°C)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
–20
0
20406080
–40
Figure 5. Gain vs. Temperature, fRF = 238 MHz, fLO = 286 MHz
5
1
IF FREQUENCY (MHz)
6
4
3
2
50
10
100
150
200
250
300
350
RF = 238MHz
RF = 460MHz
Figure 6. Conversion Gain vs. IF Frequency
5.0
0
VPOS (V)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
4.75
5.25
4.85
4.95
5.05
5.15
Figure 7. Gain vs. VPOS, fRF = 238 MHz, fLO = 286 MHz
50
0
3.40
3.90
CONVERSION GAIN (238MHz)
45
40
35
30
25
20
15
10
5
3.45 3.50 3.55 3.60 3.65 3.70 3.75 3.80 3.85
NORMAL MEAN = 3.7
STD. DEV. = 0.06
Figure 8. Conversion Gain Distribution, fRF = 238 MHz, fLO = 286 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com