Electronic Components Datasheet Search
  English  ▼

X  

AD8342 Datasheet(PDF) 25 Page - Analog Devices

Part # AD8342
Description  Active Receive Mixer Low Frequency to 3.8 GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8342 Datasheet HTML 17Page - Analog Devices AD8342 Datasheet HTML 18Page - Analog Devices AD8342 Datasheet HTML 19Page - Analog Devices AD8342 Datasheet HTML 20Page - Analog Devices AD8342 Datasheet HTML 21Page - Analog Devices AD8342 Datasheet HTML 22Page - Analog Devices AD8342 Datasheet HTML 23Page - Analog Devices AD8342 Datasheet HTML 24Page - Analog Devices AD8342 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
Data Sheet
AD8342
Rev. C | Page 25 of 25
OUTLINE DIMENSIONS
3.10
3.00 SQ
2.90
0.30
0.25
0.20
1.65
1.50 SQ
1.45
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
EXPOSED
PAD
PIN 1
INDICATOR
0.50
0.40
0.30
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
0.20 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
0.80
0.75
0.70
COMPLIANT TO JEDEC STANDARDS MO-220-WEED-6.
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 66. 16-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
3 mm × 3 mm Body, Very Very Thin Quad
(CP-16-27)
Dimensions in millimeters
ORDERING GUIDE
Model1
Temperature
Range
Package Description
Package
Option
Branding
Ordering
Quantity
AD8342ACPZ-REEL7
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP_WQ], Reel
CP-16-27
Q01
1,500
AD8342ACPZ-R2
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP_WQ], Reel
CP-16-27
Q01
250
AD8342ACPZ-WP
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP_WQ],
Waffle Pack
CP-16-27
Q01
50
AD8342-EVALZ
Evaluation Board
1
1
Z = RoHS Compliant Part.
©2005–2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D05352-0-3/16(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com