Electronic Components Datasheet Search
  English  ▼

X  

AD8342 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8342
Description  Active Receive Mixer Low Frequency to 3.8 GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8342 Datasheet HTML 12Page - Analog Devices AD8342 Datasheet HTML 13Page - Analog Devices AD8342 Datasheet HTML 14Page - Analog Devices AD8342 Datasheet HTML 15Page - Analog Devices AD8342 Datasheet HTML 16Page - Analog Devices AD8342 Datasheet HTML 17Page - Analog Devices AD8342 Datasheet HTML 18Page - Analog Devices AD8342 Datasheet HTML 19Page - Analog Devices AD8342 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
AD8342
Data Sheet
Rev. C | Page 16 of 25
AC INTERFACES
The AD8342 is designed to downconvert radio frequencies (RF)
to lower intermediate frequencies (IF) using a high- or low-side
local oscillator (LO). The LO is injected into the mixer core at
a frequency higher or lower than the desired input RF. The
frequency difference between the LO and the RF, fLO − fRF (high
side) or fRF − fLO (low side), is the intermediate frequency, fIF. In
addition to the desired RF signal, an RF image is downconverted
to the desired IF frequency. The image frequency is at fLO + fIF
when driven with a high-side LO. When using a broadband
load, the conversion gain of the AD8342 is nearly constant over
the specified RF input band (see Figure 3).
The AD8342 is designed to operate over a broad frequency
range. It is essential to ac couple RF and LO ports to prevent
dc offsets from skewing the mixer core in an asymmetrical
manner, potentially degrading noise figure and linearity.
The RF input of the AD8342 is high impedance, 1 kΩ across the
frequency range shown in Figure 41. The input capacitance
decreases with frequency due to package parasitics.
2.00
1.00
00
0
1G
FREQUENCY (Hz)
1.75
1.50
0.75
1.25
1.00
0.50
0.75
0.50
0.25
0.25
100M 200M 300M 400M 500M 600M 700M 800M 900M
Figure 41. RF Input Impedance
The matching or termination used at the RF input of the AD8342
has a direct effect on its dynamic range. The characterization
circuit, as well as the evaluation board, uses a 100 Ω resistor to
terminate the RF port. This termination resistor in shunt with the
input stage results in a return loss of better than −10 dBm (relative
to 50 Ω). Table 6 shows gain, IP3, P1dB, and noise figure (NF) for
four different input networks. This data was measured at an RF
frequency of 250 MHz and at an LO frequency of 300 MHz.
Table 6. Dynamic Performance for Various Input Networks
Input
Network
50 Ω
Shunt
100 Ω
Shunt
500 Ω
Shunt
Matched (see
Figure 42)
Gain (dB)
0.66
3.5
5.3
9.3
IIP3 (dBm)
25.4
22.9
20. 6
18.5
P1dB (dBm)
10.8
8.4
6.3
2.3
NF (dB)
14
12.5
10.2
10.5
The RF port can also be matched using an LC circuit, as shown
in Figure 42.
ZL
1kΩ
ZO = 50Ω
fMAIN = 250MHz
50Ω
3.6pF
100nH
(1000 + j0) Ω
Figure 42. Matching Circuit
Impedance transformations of greater than 10:1 result in a
higher Q circuit and thus a narrow RF input bandwidth. A 1 kΩ
resistor is placed across the RF input of the device in parallel
with the device internal input impedance, creating a 500 Ω load.
This impedance is matched to as close as possible to 50 Ω for
the source, with standard components using a shunt C, series L
matching circuit (see Figure 43).
25
10
10
25
50
100
200
500
500
200
100
50
Q = 3
1
2
3
4
POINT 1(1000 + j0) Ω
POINT 2(500 + j0) Ω
POINT 3(55.6 – j157.2) Ω
POINT 4(55.6 – j0.1) Ω
Figure 43. LC Matching Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com