Electronic Components Datasheet Search
  English  ▼

X  

AD8342 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8342
Description  Active Receive Mixer Low Frequency to 3.8 GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8342 Datasheet HTML 17Page - Analog Devices AD8342 Datasheet HTML 18Page - Analog Devices AD8342 Datasheet HTML 19Page - Analog Devices AD8342 Datasheet HTML 20Page - Analog Devices AD8342 Datasheet HTML 21Page - Analog Devices AD8342 Datasheet HTML 22Page - Analog Devices AD8342 Datasheet HTML 23Page - Analog Devices AD8342 Datasheet HTML 24Page - Analog Devices AD8342 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
AD8342
Data Sheet
Rev. C | Page 22 of 25
EVALUATION BOARD
An evaluation board is available for the AD8342. The evaluation board is configured for single-ended signaling at the IF output port via a
balun transformer. The schematic for the evaluation board is presented in Figure 61. The representations of the board layout are included
in Figure 62 through Figure 65.
R2
0Ω
R1
0Ω
C6
1000pF
C4
1000pF
C1
1000pF
C3
1000pF
C5
0.1µF
C2
0.1µF
VPOS
RF_IN
C7
1000pF
INLO
C8
1000pF
C9
0.1µF
C10
100pF
VPOS
R11
0Ω
R16
0Ω
R10
0Ω
R12
OPEN
Z4
OPEN
R4
OPEN
34
16
2
TC2-1T
Z2
OPEN
R3
OPEN
100Ω TRACES,
NO GROUND PLANE
IF_OUT+
IF_OUT–
R15
0Ω
T1
Z1
OPEN
Z3
OPEN
R5
100Ω
C14
OPEN
L1
0Ω
COMM
IFOP
IFOM
COMM
COMM
RFCM
RFIN
VPMX
VPDC PWDN EXRB COMM
VPLO LOCM LOIN COMM
DUT
12
11
10
9
13
14
15
16
1
2
3
4
8
7
6
5
R6
1.82kΩ
C11
100pF
R7
0Ω
C13
100pF
C12
0.1µF
VPOS
GND
PWDN
VPOS
W1
R8
10kΩ
R9
0Ω
PWDN
50Ω
TRACE
Figure 61. Evaluation Board
Table 7. Evaluation Board Configuration Options
Component
Description
Default Conditions
R1, R2, R7,
C2, C4, C5, C6, C9,
C10, C12, C13
Supply decoupling. Shorts or power supply decoupling resistors and filter capacitors.
R1, R2, R7 = 0 Ω
C4, C6 = 1000 pF
C10, C13 = 100 pF
C2, C5, C9, C12 = 0.1 μF
R3, R4
Options for a single-ended IF output circuit.
R3, R4 = Open
R6, C11
RBIAS resistor that sets the bias current for the mixer core. The capacitor provides ac bypass
for R6.
R6 = 1.82 kΩ
C11 = 100 pF
R8
Pull down for the PWDN pin.
R8 = 10 kΩ
R9
Link to the PWDN pin.
R9 = 0 Ω
C3, R5, C14, L1
RF input. C3 provides a dc block for RF input. R5 provides a resistive input termination. C16
and L1 are provided for reactive matching of the input.
C3 = 1000 pF
R5 = 100 Ω
C14 = Open
L1 = 0 Ω
C1
RF common ac coupling. Provides a dc block for the RF input common connection.
C1 = 1000 pF
C8
LO input ac coupling. Provides a dc block for the LO input.
C8 = 1000 pF
C7
LO common ac coupling. Provides a dc block for the LO input common connection.
C7 = 1000 pF
W1
Power down. The device is on when the PWDN pin is connected to ground via a 10 kΩ
resistor. The device is disabled when PWDN is connected to the positive supply (VS) via W1.
T1, R10, R11, R12,
R15, R16, Z3, Z4,
Z1, Z2,
IF output interface. T1 converts a differential high impedance IF output to single-ended.
When loaded with 50 Ω, this balun presents a 100 Ω load to the mixers collectors. The
center tap of the primary supplies the bias voltage (VS) to the IF output pins.
T1 = TC2-1T, 2:1 (Mini-
Circuits®)
R12 = Open
R10, R11, R15, R16 = 0 Ω
Z3, Z4 = Open
Z1, Z2 = Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com