Electronic Components Datasheet Search
  English  ▼

X  

AD8342 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8342
Description  Active Receive Mixer Low Frequency to 3.8 GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8342 Datasheet HTML 11Page - Analog Devices AD8342 Datasheet HTML 12Page - Analog Devices AD8342 Datasheet HTML 13Page - Analog Devices AD8342 Datasheet HTML 14Page - Analog Devices AD8342 Datasheet HTML 15Page - Analog Devices AD8342 Datasheet HTML 16Page - Analog Devices AD8342 Datasheet HTML 17Page - Analog Devices AD8342 Datasheet HTML 18Page - Analog Devices AD8342 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Data Sheet
AD8342
Rev. C | Page 15 of 25
THEORY OF OPERATION
The AD8342 is an active mixer, optimized for operation within
the RF input frequency range of near dc to 3.8 GHz. It has a
differential, high impedance RF input that can be terminated or
matched externally. The RF input can be driven either single-ended
or differentially. The LO input is a single-ended 50 Ω input. The
IF outputs are differential open-collectors. The mixer current
can be adjusted by the value of an external resistor to optimize
performance for gain, compression, and intermodulation, or for
low power operation. Figure 39 shows the basic blocks of the
mixer, including the LO buffer, RF voltage-to-current converter,
bias cell, and mixing core.
The RF voltage to RF current conversion is done via a resistively
degenerated differential pair. To drive this port single-ended,
the RFCM pin must be ac grounded and the RFIN pin ac-coupled
to the signal source. The RF inputs can also be driven differentially.
The voltage to current converter then drives the emitters of a
four-transistor switching core. This switching core is driven by
an amplified version of the local oscillator signal connected to
the LO input. There are three limiting gain stages between the
external LO signal and the switching core. The first stage converts
the single-ended LO drive to a well-balanced differential drive.
The differential drive then passes through two more gain stages,
which ensures that a limited signal drives the switching core. This
affords the user a lower LO drive requirement, while maintaining
excellent distortion and compression performance. The output
signal of these three LO gain stages drives the four transistors
within the mixer core to commutate at the rate of the local
oscillator frequency. The output of the mixer core is taken
directly from its open-collectors. The open-collector outputs
present a high impedance at the IF frequency. The conversion
gain of the mixer depends directly on the impedance presented
to these open-collectors. In characterization, a 100 Ω load was
presented to the device via a 2:1 impedance transformer.
The device also features a power-down function. Application of
a logic low at the PWDN pin allows normal operation. A high
logic level at the PWDN pin shuts down the AD8342. Power
consumption when the device is disabled is less than 10 mW.
The bias for the mixer is set with an external resistor (RBIAS)
from the EXRB pin to ground. The value of this resistor directly
affects the dynamic range of the mixer. The external resistor
must not be lower than 1.82 kΩ. Permanent damage to the
device can result if values below 1.8 kΩ are used. This resistor
sets the dc current through the mixer core. The performance
effects of changing this resistor can be seen in the Typical
Performance Characteristics section.
LO
INPUT
VPLO
IFOP
IFOM
RFIN
RFCM
BIAS
EXTERNAL
BIAS
RESISTOR
VPDC
PWDN
V
TO
I
Figure 39. Simplified Schematic Showing the Key Elements of the AD8342
As shown in Figure 40, the IF output pins, IFOP and IFOM, are
directly connected to the open-collectors of the NPN transistors
in the mixer core so the differential and single-ended impedances
looking into this port are relatively high, on the order of several kΩ.
A connection between the supply voltage and these output pins
is required for proper mixer core operation.
IFOP IFOM
LOIN
RFCM
RFIN
COMM
Figure 40. AD8342 Simplified Schematic
The AD8342 has three pins for the supply voltage: VPDC,
VPMX, and VPLO. These pins are separated to minimize or
eliminate possible parasitic coupling paths within the AD8342
that can cause spurious signals or reduced interport isolation.
Consequently, each of these pins must be well bypassed and
decoupled as close to the AD8342 as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com