Electronic Components Datasheet Search
  English  ▼

X  

AD8342 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8342
Description  Active Receive Mixer Low Frequency to 3.8 GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342 Datasheet(HTML) 1 Page - Analog Devices

  AD8342 Datasheet HTML 1Page - Analog Devices AD8342 Datasheet HTML 2Page - Analog Devices AD8342 Datasheet HTML 3Page - Analog Devices AD8342 Datasheet HTML 4Page - Analog Devices AD8342 Datasheet HTML 5Page - Analog Devices AD8342 Datasheet HTML 6Page - Analog Devices AD8342 Datasheet HTML 7Page - Analog Devices AD8342 Datasheet HTML 8Page - Analog Devices AD8342 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Active Receive Mixer
Low Frequency to 3.8 GHz
Data Sheet
AD8342
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Broadband RF, LO, and IF ports
Conversion gain: 3.7 dB
Noise figure: 12.2 dB
Input IP3: 22.7 dBm
Input P1dB: 8.3 dBm
LO drive: 0 dBm
Differential high impedance RF input port
Single-ended, 50 Ω LO input port
Open-collector IF output port
Single-supply operation: 5 V at 98 mA
Power-down mode
Exposed pad LFCSP: 3 mm × 3 mm
APPLICATIONS
Cellular base station receivers
ISM receivers
Radio links
RF instrumentation
FUNCTIONAL BLOCK DIAGRAM
8
7
6
13
15
16
COMM
IFOP
IFOM
5
COMM
14
2
1
3
4
COMM
RFCM
RFIN
VPMX
VPDC
PWDN
EXRB
COMM
11
12
10
9
VPLO
LOCM
LOIN
COMM
BIAS
AD8342
Figure 1.
GENERAL DESCRIPTION
The AD8342 is a high performance, broadband active mixer. It
is well suited for demanding receive channel applications that
require wide bandwidth on all ports and very low intermodulation
distortion and noise figure.
The AD8342 provides a typical conversion gain of 3.7 dB with
an RF frequency of 238 MHz. The integrated LO driver presents
a 50 Ω input impedance with a low LO drive level, helping to
minimize the external component count.
The differential high impedance broadband RF port allows easy
interfacing to both active devices and passive filters. The RF
input accepts input signals as large as 1.6 V p-p or 8 dBm
(relative to 50 Ω) at P1dB.
The open-collector differential outputs provide excellent balance
and can be used with a differential filter or IF amplifier, such as
the AD8370, AD8375, AD8351, AD8352, or ADL5561. These
outputs can also be converted to a single-ended signal using a
matching network or a balun transformer. The outputs are capable
of swinging 2 V p-p when biased to the VPOS supply rail.
The AD8342 is fabricated on an Analog Devices, Inc.,
proprietary, high performance SiGe IC process. The AD8342 is
available in a 16-lead LFCSP. It operates over a −40°C to +85°C
temperature range. An evaluation board is also available.


Similar Part No. - AD8342

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8342 AD-AD8342 Datasheet
538Kb / 20P
Active Receive Mixer LF to 500 MHz
4/05-Revision 0
AD8342-EVAL AD-AD8342-EVAL Datasheet
538Kb / 20P
Active Receive Mixer LF to 500 MHz
4/05-Revision 0
AD8342ACPZ-R2 AD-AD8342ACPZ-R2 Datasheet
538Kb / 20P
Active Receive Mixer LF to 500 MHz
4/05-Revision 0
AD8342ACPZ-REEL7 AD-AD8342ACPZ-REEL7 Datasheet
538Kb / 20P
Active Receive Mixer LF to 500 MHz
4/05-Revision 0
AD8342ACPZ-WP AD-AD8342ACPZ-WP Datasheet
538Kb / 20P
Active Receive Mixer LF to 500 MHz
4/05-Revision 0
More results

Similar Description - AD8342

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KC2-19 MINI-KC2-19 Datasheet
146Kb / 1P
Surface Mount Frequency Multiplier Output 2.2 to 3.8 GHz
logo
Analog Devices
AD8344 AD-AD8344 Datasheet
429Kb / 20P
Active Receive Mixer 400 MHz to 1.2 GHz
6/04-Revision 0
logo
ATMEL Corporation
T0782 ATMEL-T0782 Datasheet
288Kb / 8P
2200-2700 MHz High Linearity SiGe Active Receive Mixer
logo
Analog Devices
AD8342 AD-AD8342 Datasheet
538Kb / 20P
Active Receive Mixer LF to 500 MHz
4/05-Revision 0
logo
SIRENZA MICRODEVICES
SRM-1016 SIRENZA-SRM-1016 Datasheet
222Kb / 6P
800 - 1000 MHz High Linearity Active Receive Mixer
SRM-2016 SIRENZA-SRM-2016 Datasheet
374Kb / 9P
1700 - 2300 MHz High Linearity Active Receive Mixer
logo
Analog Devices
AD8342 AD-AD8342_15 Datasheet
818Kb / 24P
Active Receive Mixer LF to 3 GHz
REV. B
AD8343 AD-AD8343_15 Datasheet
2Mb / 32P
DC-to-2.5 GHz High IP3 Active Mixer
REV. B
AD8344 AD-AD8344_15 Datasheet
436Kb / 20P
Active Receive Mixer 400 MHz to 1.2 GHz
REV. 0
logo
Linear Technology
LTC5562 LINER-LTC5562 Datasheet
569Kb / 26P
LF??GHz Wideband Low Power Active Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com