Electronic Components Datasheet Search
  English  ▼

X  

AD8342 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8342
Description  Active Receive Mixer Low Frequency to 3.8 GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8342 Datasheet HTML 10Page - Analog Devices AD8342 Datasheet HTML 11Page - Analog Devices AD8342 Datasheet HTML 12Page - Analog Devices AD8342 Datasheet HTML 13Page - Analog Devices AD8342 Datasheet HTML 14Page - Analog Devices AD8342 Datasheet HTML 15Page - Analog Devices AD8342 Datasheet HTML 16Page - Analog Devices AD8342 Datasheet HTML 17Page - Analog Devices AD8342 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
AD8342
Data Sheet
Rev. C | Page 14 of 25
TEST CIRCUIT
8
7
6
13
15
16
COMM
IFOP
IFOM
5
COMM
14
2
1
3
4
COMM
RFCM
RFIN
VPMX
VPDC
PWDN
EXRB
COMM
11
12
10
9
VPLO
LOCM
LOIN
COMM
AD8342
RF IN
1nF
100pF
0.1µF
100pF
0.1µF
VPOS
1nF
1nF
LO IN
TC2-1T
IF OUT
(50Ω)
100pF
0.1µF
VPOS
1nF
100Ω
1.82kΩ
100pF
VPOS
100pF
0.1µF
Figure 38. Characterization Circuit Used to Measure Typical Performance Characteristics Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com