Electronic Components Datasheet Search
  English  ▼

X  

AD8342 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8342
Description  Active Receive Mixer Low Frequency to 3.8 GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342 Datasheet(HTML) 2 Page - Analog Devices

  AD8342 Datasheet HTML 1Page - Analog Devices AD8342 Datasheet HTML 2Page - Analog Devices AD8342 Datasheet HTML 3Page - Analog Devices AD8342 Datasheet HTML 4Page - Analog Devices AD8342 Datasheet HTML 5Page - Analog Devices AD8342 Datasheet HTML 6Page - Analog Devices AD8342 Datasheet HTML 7Page - Analog Devices AD8342 Datasheet HTML 8Page - Analog Devices AD8342 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
AD8342
Data Sheet
Rev. C | Page 2 of 25
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
AC Performance ........................................................................... 4
Absolute Maximum Ratings............................................................ 5
Junction to Board Thermal Impedance..................................... 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Typical Performance Characteristics ............................................. 7
Spurious Performance................................................................ 13
Test Circuit ...................................................................................... 14
Theory of Operation ...................................................................... 15
AC Interfaces................................................................................... 16
IF Port .......................................................................................... 17
LO Considerations ..................................................................... 18
High Frequency Applications................................................... 19
Applications Above 3 GHz........................................................ 20
Low Frequency Applications .................................................... 21
Evaluation Board ............................................................................ 22
Outline Dimensions....................................................................... 25
Ordering Guide .......................................................................... 25
REVISION HISTORY
3/16—Rev. B to Rev. C
Changes to Product Title ................................................................. 1
Changes to Table 2............................................................................ 4
Changes to Table 3............................................................................ 5
Added Junction to Board Thermal Impedance Section.............. 5
Changes to Figure 2 and Table 4..................................................... 6
Change to Typical Performance Characteristics Section ............ 7
Moved Spur Table Section and Table 3, Renumbered
Sequentially ..................................................................................... 13
Changed Spur Table Section to Spurious Performance Section.....13
Added Test Circuit Section............................................................ 14
Moved Figure 38 ............................................................................. 14
Changed Circuit Description Section to Theory of Operation
Section.............................................................................................. 15
Changes to Theory of Operation Section.................................... 15
Added Applications Above 3 GHz Section ................................. 20
Added Figure 56, Figure 57, and Figure 58, Renumbered
Sequentially ..................................................................................... 21
Updated Outline Dimensions....................................................... 25
Changes to Ordering Guide .......................................................... 25
7/09—Rev. A to Rev. B
Changed RF and LO Frequency Range from 2.4 GHz to
3 GHz Throughout............................................................................1
Changes to General Description Section .......................................1
Added Endnote 2...............................................................................4
Added Low Frequency Applications Section.............................. 19
Added Figure 56 and Figure 57 .................................................... 20
Changes to the Evaluation Board Section................................... 21
Added Figure 59 to Figure 62 ....................................................... 22
Updated Outline Dimensions....................................................... 24
Changes to Ordering Guide.......................................................... 24
1/07—Rev. 0 to Rev. A
Changes to Features ..........................................................................1
Changes to General Description .....................................................1
Changes to Table 2.............................................................................4
Replaced the High Frequency Applications Section.................. 18
4/05—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com