Electronic Components Datasheet Search
  English  ▼

X  

ADP3330 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3330
Description  High Accuracy, Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3330 Datasheet(HTML) 4 Page - Analog Devices

  ADP3330 Datasheet HTML 1Page - Analog Devices ADP3330 Datasheet HTML 2Page - Analog Devices ADP3330 Datasheet HTML 3Page - Analog Devices ADP3330 Datasheet HTML 4Page - Analog Devices ADP3330 Datasheet HTML 5Page - Analog Devices ADP3330 Datasheet HTML 6Page - Analog Devices ADP3330 Datasheet HTML 7Page - Analog Devices ADP3330 Datasheet HTML 8Page - Analog Devices ADP3330 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADP3330
Data Sheet
ADP3330-2.5
At TA = −40°C to +85°C, VIN = 7 V, CIN = 0.47 µF, COUT = 0.47 µF, unless otherwise noted. Ambient temperature of +85°C corresponds to a
junction temperature of +125°C under typical full load test conditions. Application stable with no load.
Table 2.
Parameter
Symbol
Test Conditions/Conditions
Min
Typ
Max
Unit
OUTPUT VOLTAGE ACCURACY
VOUT
VIN = 2.9 V to 12 V,
IL = 0.1 mA to 200 mA, TA = 25°C
−0.7
+0.7
%
VIN = 2.9 V to 12 V, IL = 0.1 mA to
150 mA, TA = −40°C to +85°C
−1.4
+1.4
%
VIN = 2.9 V to 12 V, IL = 0.1 mA to
200 mA, TA = −20°C to +85°C
−1.4
+1.4
%
LINE REGULATION
ΔVO/ΔVIN
VIN = 2.9 V to 12 V, TA = 25°C
0.04
mV/V
LOAD REGULATION
ΔVO/ΔIL
IL = 0.1 mA to 200 mA, TA = 25°C
0.04
mV/mA
GROUND CURRENT
IGND
IL = 200 mA, TA = −20°C to +85°C
1.6
4.0
mA
IL = 150 mA
1.2
3.1
mA
IL = 50 mA
0.4
1.1
mA
IL = 0.1 mA
34
50
µA
GROUND CURRENT IN DROPOUT
IGND
VIN = VOUTNOM − 100 mV, IL = 0.1 mA
37
55
µA
DROPOUT VOLTAGE
VDROP
VOUT = 98% of VOUTNOM
IL = 200 mA, TA = −20°C to +85°C
140
230
mV
IL = 150 mA
110
170
mV
IL = 10 mA
42
60
mV
IL = 1 mA
25
501
mV
PEAK LOAD CURRENT
ILDPK
VIN = VOUTNOM + 1 V
300
mA
OUTPUT NOISE2
VNOISE
f = 10 Hz to 100 kHz, CL = 10 µF,
IL = 200 mA, CNR = 10 nF, VOUT = 3 V
47
µV rms
f = 10 Hz to 100 kHz, CL = 10 µF,
IL = 200 mA, CNR = 0 nF, VOUT = 3 V
95
µV rms
SHUTDOWN THRESHOLD
VTHSD
On
2.0
V
Off
0.4
V
SHUTDOWN PIN INPUT CURRENT
ISD
VIN = 12 V, 0 V<SD ≤12 V
1.9
9
µA
0 V <SD ≤5 V
1.4
6
µA
GROUND CURRENT IN SHUTDOWN MODE
IGNDSD
SD = 0 V, VIN = 12 V
0.01
2
µA
OUTPUT CURRENT IN SHUTDOWN MODE
IOSD
TA = 25°C at VIN = 12 V
1
µA
TA = 85°C at VIN = 12 V
2
µA
ERROR PIN OUTPUT LEAKAGE
IEL
VEO = 5 V
1
µA
ERROR PIN OUTPUT LOW VOLTAGE
VEOL
ISINK = 400 µA
0.19
0.40
V
1
Application stable with no load.
2
See Figure 21 and Applications Information section for additional information.
Rev. C | Page 4 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com