Electronic Components Datasheet Search
  English  ▼

X  

ADP3330 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3330
Description  High Accuracy, Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3330 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3330 Datasheet HTML 2Page - Analog Devices ADP3330 Datasheet HTML 3Page - Analog Devices ADP3330 Datasheet HTML 4Page - Analog Devices ADP3330 Datasheet HTML 5Page - Analog Devices ADP3330 Datasheet HTML 6Page - Analog Devices ADP3330 Datasheet HTML 7Page - Analog Devices ADP3330 Datasheet HTML 8Page - Analog Devices ADP3330 Datasheet HTML 9Page - Analog Devices ADP3330 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADP3330
Data Sheet
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUT
Output of the Regulator. Bypass to ground with a 0.47 µF or larger capacitor.
2
IN
Regulator Input.
3
ERR
Open Collector Output. This pin goes low to indicate that the output is about to go out of regulation.
4
GND
Ground Pin.
5
NR
Noise Reduction Pin. This pin is used for further reduction of output noise (see the Applications Information
section). Do not connect if this pin is not used.
6
SD
Active Low Shutdown Pin. Connect to ground to disable the regulator output. When shutdown is not used, this
pin must be connected to the input pin.
OUT
1
IN
2
ERR
3
SD
6
NR
5
GND
4
ADP3330
TOP VIEW
(Not to Scale)
Rev. C | Page 6 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com