Electronic Components Datasheet Search
  English  ▼

X  

ADP3330 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3330
Description  High Accuracy, Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3330 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3330 Datasheet HTML 4Page - Analog Devices ADP3330 Datasheet HTML 5Page - Analog Devices ADP3330 Datasheet HTML 6Page - Analog Devices ADP3330 Datasheet HTML 7Page - Analog Devices ADP3330 Datasheet HTML 8Page - Analog Devices ADP3330 Datasheet HTML 9Page - Analog Devices ADP3330 Datasheet HTML 10Page - Analog Devices ADP3330 Datasheet HTML 11Page - Analog Devices ADP3330 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADP3330
Data Sheet
Figure 10. Dropout Voltage vs. Output Current
Figure 11. Power-Up/Power-Down
Figure 12. Power-Up Response
Figure 13. Line Transient Response, CL = 0.47 µF
Figure 14. Line Transient Response, CL = 10 µF
Figure 15. Load Transient Response, CL = 0.47 µF
0
25
50
75
100
125
150
175
200
OUTPUT LOAD (mA)
250
200
150
100
50
0
0
5
4
3
2
1
TIME (Seconds)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
VOUT = 3V
SD = VIN
RL = 15Ω
0
500
400
300
200
100
TIME (µs)
4
3
2
1
0
10
5
0
–5
CL = 10µF
CL = 0.47µF
VIN = 7V
VOUT = 3V
SD = VIN
RL = 15Ω
0
500
400
300
200
100
TIME (µs)
3.04
3.02
3.00
2.98
2.96
2.94
7.5
7.0
6.5
VOUT = 3V
RL = 15Ω
CL = 0.47µF
0
500
400
300
200
100
TIME (µs)
3.04
3.02
3.00
2.98
2.96
2.94
7.5
7.0
6.5
VOUT = 3V
RL = 15Ω
CL = 10µF
0
1000
800
600
400
200
TIME (µs)
3.10
3.05
3.00
2.95
2.90
200
100
0
–100
VIN = 7V
VOUT = 3V
CL = 0.47µF
20mA
Rev. C | Page 8 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com