Electronic Components Datasheet Search
  English  ▼

X  

ADP3330 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP3330
Description  High Accuracy, Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3330 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP3330 Datasheet HTML 8Page - Analog Devices ADP3330 Datasheet HTML 9Page - Analog Devices ADP3330 Datasheet HTML 10Page - Analog Devices ADP3330 Datasheet HTML 11Page - Analog Devices ADP3330 Datasheet HTML 12Page - Analog Devices ADP3330 Datasheet HTML 13Page - Analog Devices ADP3330 Datasheet HTML 14Page - Analog Devices ADP3330 Datasheet HTML 15Page - Analog Devices ADP3330 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADP3330
APPLICATION CIRCUITS
CROSSOVER SWITCH
The circuit in Figure 27 shows how two ADP3330s can be used
to form a mixed supply voltage system. The output switches
between two different levels selected by an external digital
input. Output voltages can be any combination of voltages that
are included in the Ordering Guide.
Figure 27. Crossover Switch
HIGHER OUTPUT CURRENT
The ADP3330 can source up to 200 mA at room temperature
without any heat-sink, or pass transistor. If higher current is
needed, an appropriate pass transistor can be used, as in
Figure 28, to increase the output current to 1 A.
Figure 28. High Output Current Linear Regulator
ADP3330-3.6
ADP3330-2.5
+
OUT
IN
SD
GND
+
IN
OUT
SD
GND
C1
1.0µF
C2
0.47µF
VOUT = 3.6V/2.5V
VIN = 3.85V TO 12V
OUTPUT SELECT
3V
0V
LOGIC SUPPLY
ADP3330-3
OUT
IN
SD
GND
+
MJE253*
VOUT = 3V AT 1A
C1
100µF
C2
100µF
*AAVID531002 HEAT-SINK IS USED
ERR
R1
50Ω
VIN = 4.5V TO 8V
Rev. C | Page 13 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com