Electronic Components Datasheet Search
  English  ▼

X  

ADP3330 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3330
Description  High Accuracy, Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3330 Datasheet(HTML) 1 Page - Analog Devices

  ADP3330 Datasheet HTML 1Page - Analog Devices ADP3330 Datasheet HTML 2Page - Analog Devices ADP3330 Datasheet HTML 3Page - Analog Devices ADP3330 Datasheet HTML 4Page - Analog Devices ADP3330 Datasheet HTML 5Page - Analog Devices ADP3330 Datasheet HTML 6Page - Analog Devices ADP3330 Datasheet HTML 7Page - Analog Devices ADP3330 Datasheet HTML 8Page - Analog Devices ADP3330 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Accuracy, Ultralow IQ, 200 mA,
SOT-23, anyCAP Low Dropout Regulator
Data Sheet
ADP3330
FEATURES
High accuracy over line and load
±0.7% at +25°C
±1.4% over temperature
Ultralow dropout voltage: 140 mV (typical) at 200 mA
Requires only COUT= 0.47 μF for stability
anyCAP = stable with any type of capacitor, including
multilayer ceramic capacitors (MLCC)
Current and thermal limiting
Low noise
Low shutdown current: <2 µA
2.9 V to 12 V supply range
–40°C to +85°C ambient temperature range
Ultrasmall, thermally enhanced, chip-on-lead™ 6-lead SOT-23
package
APPLICATIONS
Cell phones
Notebook and palmtop computers
Battery-powered systems
PCMCIA regulators
Bar code scanners
Camcorders and cameras
SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADP3330 is a member of the Analog Devices, Inc., precision
low dropout (LDO) anyCAP® voltage regulator family of products.
The ADP3330 operates with an input voltage range of 2.9 V to
12 V and delivers a load current up to 200 mA. The ADP3330
stands out from the conventional LDOs with a novel architecture
and an enhanced process that enables it to offer performance
advantages and higher output current than its competition. Its
patented design requires only a minimum output capacitor of
0.47 µF for stability. This device is insensitive to output capacitor
equivalent series resistance (ESR), and is stable with any good
quality capacitor, including ceramic (MLCC) types for space
restricted applications. The ADP3330 achieves exceptional
accuracy of ±0.7% at room temperature and ±1.4% over
temperature, line and load variations. The dropout voltage of
the ADP3330 is only 140 mV (typical) at 200 mA. This device also
includes a safety current limit, thermal overload protection, and
a shutdown feature. In shutdown mode, the ground current is
reduced to less than 2 µA. The ADP3330 has an ultralow
ground current 34 µA (typical) in light load situations.
The 6-lead SOT-23 package has been thermally enhanced using
Analog Devices proprietary chip-on-lead feature to maximize
power dissipation.
Figure 2. Typical Application Circuit
GND
THERMAL
PROTECTION
CC
IN
ADP3330
OUT
R1
R2
Q1
SD
BAND GAP
REF
DRIVER
gm
ERR
2
1
6
3
4
VOUT
VIN
+
–
ADP3330
NR
OUT
ON
OFF
GND
IN
CIN
0.47µF
COUT
0.47µF
+
–
ERR
SD
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©1999–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADP3330

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3330 AD-ADP3330 Datasheet
137Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV.A
ADP3330 AD-ADP3330 Datasheet
127Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330 AD-ADP3330 Datasheet
127Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ART-2.5 AD-ADP3330ART-2.5 Datasheet
141Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ART-2.5 AD-ADP3330ART-2.5 Datasheet
127Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
More results

Similar Description - ADP3330

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3330 AD-ADP3330 Datasheet
137Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV.A
ADP3331 AD-ADP3331 Datasheet
135Kb / 8P
Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV.0
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV.0
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3330ARTZ-2.75R7 AD-ADP3330ARTZ-2.75R7 Datasheet
141Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. A
ADP3330ART-3.6 AD-ADP3330ART-3.6 Datasheet
141Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3330ARTZ-2.5-R7 AD-ADP3330ARTZ-2.5-R7 Datasheet
127Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ART-33-RL7 AD-ADP3330ART-33-RL7 Datasheet
127Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ARTZ-5-RL7 AD-ADP3330ARTZ-5-RL7 Datasheet
127Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com