Electronic Components Datasheet Search
  English  ▼

X  

ADP3330 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP3330
Description  High Accuracy, Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3330 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP3330 Datasheet HTML 5Page - Analog Devices ADP3330 Datasheet HTML 6Page - Analog Devices ADP3330 Datasheet HTML 7Page - Analog Devices ADP3330 Datasheet HTML 8Page - Analog Devices ADP3330 Datasheet HTML 9Page - Analog Devices ADP3330 Datasheet HTML 10Page - Analog Devices ADP3330 Datasheet HTML 11Page - Analog Devices ADP3330 Datasheet HTML 12Page - Analog Devices ADP3330 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADP3330
Figure 16. Load Transient Response, CL = 10 µF
Figure 17. Short-Circuit Current
Figure 18. Turn On/Turn Off Response
Figure 19. Power Supply Ripple Rejection vs. Frequency
Figure 20. RMS Noise vs. CL (10 Hz to100 kHz)
Figure 21. Output Noise Density
0
1000
800
600
400
200
TIME (µs)
3.10
3.05
3.00
2.95
2.90
200
100
0
–100
VIN = 7V
VOUT = 3V
CL = 10µF
20mA
0
5
4
3
2
1
TIME (Seconds)
3
0
500
400
300
200
100
0
–100
VIN = 7V
VOUT
IOUT
0
1000
800
600
400
200
TIME (µs)
3
2
1
0
3
0
2
0
–2
VIN = 7V
VOUT = 3V
CL = 10µF
RL = 15Ω
10
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
VOUT = 3V
CL = 0.47µF
IL = 0.1mA
CL = 0.47µF
IL = 200mA
CL = 10µF
IL = 0.1mA
CL = 10µF
IL = 200mA
0
50
10
20
30
40
CL (µF)
160
0
20
40
60
80
100
120
140
IL = 200mA
IL = 0mA
IL = 200mA
WITH NOISE REDUCTION
IL = 0mA
WITH NOISE REDUCTION
10
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
1
0.01
0.1
VOUT = 3V
IL = 200mA
CL = 0.47µF
CNR = 0
CL = 0.47µF
CNR = 10nF
CL = 10µF
CNR = 10nF
CL = 10µF
CNR = 0
Rev. C | Page 9 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com