Electronic Components Datasheet Search
  English  ▼

X  

ADP3330 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3330
Description  High Accuracy, Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3330 Datasheet(HTML) 2 Page - Analog Devices

  ADP3330 Datasheet HTML 1Page - Analog Devices ADP3330 Datasheet HTML 2Page - Analog Devices ADP3330 Datasheet HTML 3Page - Analog Devices ADP3330 Datasheet HTML 4Page - Analog Devices ADP3330 Datasheet HTML 5Page - Analog Devices ADP3330 Datasheet HTML 6Page - Analog Devices ADP3330 Datasheet HTML 7Page - Analog Devices ADP3330 Datasheet HTML 8Page - Analog Devices ADP3330 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADP3330
Data Sheet
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Simplified Functional Block Diagram ........................................... 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
ADP3330........................................................................................ 3
ADP3330-2.5................................................................................. 4
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Typical Performance Characteristics ............................................. 7
Theory of Operation ...................................................................... 10
Applications Information .............................................................. 11
Capacitor Selection .................................................................... 11
Noise Reduction ......................................................................... 11
Chip-on-Lead Package .............................................................. 11
Thermal Overload Protection .................................................. 11
Calculating Junction Temperature........................................... 12
Printed Circuit Board (PCB) Layout Considerations ........... 12
Error Flag Dropout Detector.................................................... 12
Shutdown Mode ......................................................................... 12
Low Power, Low Dropout Applications .................................. 12
Application Circuits ....................................................................... 13
Crossover Switch ........................................................................ 13
Higher Output Current ............................................................. 13
Outline Dimensions....................................................................... 14
Ordering Guide .......................................................................... 14
REVISION HISTORY
5/15—Rev. B to Rev. C
Changes to General Description Section ...................................... 1
Changes to Chip-On-Lead Package Section............................... 11
Changes to Ordering Guide .......................................................... 14
5/14—Rev. A to Rev. B
Updated Format..................................................................Universal
Changed 0.47 mF to 0.47 µF, Features Section ............................. 1
Changes to General Description Section ...................................... 1
Changed −2.5 V to 2.5 V, ADP3330-xx Section .......................... 3
Changes to Table 1............................................................................ 3
Changes to Table 2............................................................................ 4
Changes to Figure 4 Caption through Figure 7 Caption............. 7
Changes to Figure 10, Figure 13 Caption, Figure 14 Caption,
and Figure 15..................................................................................... 8
Changes to Figure 16, Figure 17, and Figure 19 Caption............ 9
Changes to Printed Circuit Board (PCB) Layout Considerations
Section, and Low Power, Low Dropout Applications Section.. 12
Updated Outline Dimensions....................................................... 14
Changes to Ordering Guide .......................................................... 14
8/99—Rev. 0 to Rev. A
Rev. C | Page 2 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com