Electronic Components Datasheet Search
  English  ▼

X  

ADP3330 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP3330
Description  High Accuracy, Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3330 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP3330 Datasheet HTML 8Page - Analog Devices ADP3330 Datasheet HTML 9Page - Analog Devices ADP3330 Datasheet HTML 10Page - Analog Devices ADP3330 Datasheet HTML 11Page - Analog Devices ADP3330 Datasheet HTML 12Page - Analog Devices ADP3330 Datasheet HTML 13Page - Analog Devices ADP3330 Datasheet HTML 14Page - Analog Devices ADP3330 Datasheet HTML 15Page - Analog Devices ADP3330 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADP3330
Data Sheet
CALCULATING JUNCTION TEMPERATURE
Device power dissipation is calculated as follows:
PD = (VIN − VOUT) ILOAD + (VIN) IGND
where:
ILOAD and IGND are load current and ground current.
VIN and VOUT are input and output voltages, respectively.
Assuming ILOAD = 200 mA, IGND = 4 mA, VIN = 4.2 V, and VOUT =
3.0 V, the device power dissipation is the following:
PD = (4.2 − 3.0) 200 mA + 4.2 (4 mA) = 257 mW
The proprietary package used in the ADP3330 has a thermal
resistance of 165°C/W, significantly lower than the standard
6-lead SOT-23 package. Assuming a 4-layer board, the junction
temperature rise above ambient temperature is approximately
equal to
ΔTJA = 0.257 W × 165°C/W = 42.4°C
To limit the maximum junction temperature to 125°C,
maximum allowable ambient temperature is
TA MAX = 125°C − 42.4°C = 82.6°C
PRINTED CIRCUIT BOARD (PCB) LAYOUT
CONSIDERATIONS
All packages rely on the traces of the PCB to conduct heat away
from the package.
In standard packages, the dominant component of the heat
resistance path is the plastic between the die attach pad and the
individual leads. In typical thermally enhanced packages, one or
more of the leads are fused to the die attach pad, significantly
decreasing this component. To make the improvement
meaningful, however, a significant copper area on the PCB must
be attached to these fused pins.
The patented chip-on-lead frame design of the ADP3330
uniformly minimizes the value of the dominant portion of the
thermal resistance. It ensures that heat is conducted away by all
of the package pins and yields a very low 165°C/W thermal
resistance for the 6-lead SOT-23 package. Low thermal
resistance is achieved without any special board layout
requirements, just the normal traces connected to the leads, and
yields a 17% improvement in heat dissipation capability as
compared to a standard 6-lead SOT-23 package. The thermal
resistance can be decreased by approximately an additional 10%
by attaching a few square cm of copper area to the VIN pin of the
ADP3330 package.
It is not recommended to use solder mask or silkscreen on the
PCB traces adjacent to the pins of the ADP3330 because it
increases the junction to ambient thermal resistance of the
package.
ERROR FLAG DROPOUT DETECTOR
The ADP3330 maintains its output voltage over a wide range of
load, input voltage, and temperature conditions. If the output is
about to lose regulation by reducing the supply voltage less than
the combined regulated output and dropout voltages, the ERR
flag is activated. The ERR output is an open collector that is
driven low.
When the ERR output is set, the hysteresis of the ERR flag keeps
the output low until a small margin of the operating range is
restored either by raising the supply voltage or reducing the load.
SHUTDOWN MODE
Applying a TTL high signal to the shutdown (SD) pin, or tying
the SD pin to the input pin, turns the output on. Pulling the SD
pin down to 0.4 V or below, or tying the SD pin to ground,
turns the output off (we do not do all caps for emphasis). In
shutdown mode, the ground current is reduced to much less
than 1 µA.
LOW POWER, LOW DROPOUT APPLICATIONS
The ADP3330 is well suited for applications such as cell phone
handsets that require low ground current and low dropout
voltage features. The ADP3330 typically draws 34 µA under
light load situations (that is, load current = 100 µA), which
results in low power consumption when the cell phone is in
standby mode.
Figure 26 shows an application in which the ADP3330 is used
in a handset to provide 2.75 V nominal output voltage. The cell
phone is powered from a 3 cell NiCd or 1 cell Li-Ion battery.
The ADP3330 guarantees an accuracy of 1.4%, even when the
input/output differential is merely 250 mV (worst case).
Therefore, the voltage output is regulated and within
specification even when the battery voltage has reached its end
of discharge voltage of 3 V. The output voltage never falls less
than 2.7 V, even under worst case load and temperature
conditions. The low dropout feature coupled with the high
accuracy of the ADP3330 ensures that the system is reliably
powered until the end of the life of the battery, which results in
increased system talk time.
Figure 26. LDO Budgeting for a 3 Cell NiCd/1 Cell Li-Ion Supply
MINIMUM BATTERY
VOLTAGE 3.0V
NOMINAL OUTPUT
VOLTAGE 2.75V
2.712V
ABSOLUTE MINIMUM
OUTPUT VOLTAGE
2.700V
END OF DISCHARGE VOLTAGE
OF 3 CELL NiCd OR 1 CELL
Li-Ion BATTERY
250mV MAXIMUM INPUT-OUTPUT
OVERHEAD FOR 200mA OUTPUT
CURRENT
–1.4% OUTPUT
VOLTAGE ACCURACY
12mV TRANSIENT, LINE AND
LOAD RESPECTIVE MARGIN
Rev. C | Page 12 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com