Electronic Components Datasheet Search
  English  ▼

X  

ADUCM320BBCZ Datasheet(PDF) 27 Page - Analog Devices

Part # ADUCM320BBCZ
Description  Precision Analog Microcontroller, 14-Bit Analog Input/Output with MDIO Interface, ARM Cortex-M3
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM320BBCZ Datasheet(HTML) 27 Page - Analog Devices

Back Button ADUCM320BBCZ Datasheet HTML 23Page - Analog Devices ADUCM320BBCZ Datasheet HTML 24Page - Analog Devices ADUCM320BBCZ Datasheet HTML 25Page - Analog Devices ADUCM320BBCZ Datasheet HTML 26Page - Analog Devices ADUCM320BBCZ Datasheet HTML 27Page - Analog Devices ADUCM320BBCZ Datasheet HTML 28Page - Analog Devices ADUCM320BBCZ Datasheet HTML 29Page - Analog Devices ADUCM320BBCZ Datasheet HTML 30Page - Analog Devices ADUCM320BBCZ Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
ADuCM320
Data Sheet
Rev. C | Page 26 of 30
Pin
No.
Mnemonic
Type1
Description
D11
IOVDD2
S
3.3 V GPIO Supply and Interdie Communications.
J1
IOVDD3
S
3.3 V GPIO Supply.
C1
IOGND1
S
Ground for IOVDD1.
E11
IOGND2
S
Ground for IOVDD2.
K1
IOGND3
S
Ground for IOVDD3 and Interdie Communications.
J5
AGND1
S
Analog Ground for VDD1.
K7
AGND2
S
ESD Ground for Pad Ring.
L7
AGND3
S
Ground for AVDD3.
H11
AGND4
S
Ground for AVDD4, AVDD_REG0, and AVDD_REG1.
K6
VDD1
S
3.3 V Supply for Digital Die.
L6
AVDD3
S
VDAC and IDAC Supply (3.3 V).
G11
AVDD4
S
ADC Supply (3.3 V).
L11
ADC_REFN
AO/A
Decoupling Capacitor Connection for ADC Reference Buffer. Connect this pin to
AGND4.
K11
ADC_REFP
AO/A
Decoupling Capacitor Connection for ADC Reference Buffer. Connect this pin to
a 4.7 µF capacitor to the ADC_REFN pin. ADC_REFP can be overdriven by an
external reference.
H2
XTALO
O
Output from the Crystal Oscillator Inverter. When not using an external crystal,
leave XTALO unconnected.
J2
XTALI
I
Input to the Crystal Oscillator Inverter and Input to the Internal Clock Generator
Circuits. When not using an external crystal, connect XTALI to DGND.
1
AI is analog input, AO is analog output, I is digital input, O is digital output, S is supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com