Electronic Components Datasheet Search
  English  ▼

X  

ADUCM320BBCZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADUCM320BBCZ
Description  Precision Analog Microcontroller, 14-Bit Analog Input/Output with MDIO Interface, ARM Cortex-M3
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM320BBCZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADUCM320BBCZ Datasheet HTML 2Page - Analog Devices ADUCM320BBCZ Datasheet HTML 3Page - Analog Devices ADUCM320BBCZ Datasheet HTML 4Page - Analog Devices ADUCM320BBCZ Datasheet HTML 5Page - Analog Devices ADUCM320BBCZ Datasheet HTML 6Page - Analog Devices ADUCM320BBCZ Datasheet HTML 7Page - Analog Devices ADUCM320BBCZ Datasheet HTML 8Page - Analog Devices ADUCM320BBCZ Datasheet HTML 9Page - Analog Devices ADUCM320BBCZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Data Sheet
ADuCM320
Rev. C | Page 5 of 30
SPECIFICATIONS
MICROCONTROLLER ELECTRICAL SPECIFICATIONS
AVDD = IOVDD = VDD1 = 2.9 V to 3.6 V (see Figure 14) maximum difference between supplies = 0.3 V, VREF = 2.5 V internal reference,
fCORE = 80 MHz, TA = −40°C to +85°C, unless otherwise noted. PVDDx for IDACs = 1.8 V to 2.5 V. Power-up sequence must be VDD1,
IOVDDx, AVDDx, and then PVDDx, but no delays in the sequence are required.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
ADC BASIC SPECIFICATIONS
Single-ended mode, unless
otherwise stated
ADC Power-Up Time
5
µs
Data Rate
fSAMPLE
1
MSPS
DC Accuracy1
14
Bits
1 LSB = 2.5 V/214
Resolution1
16
Bits
Number of data bits
Integral Nonlinearity
INL
±1.75
LSB
2.5 V internal reference; 1 LSB =
2.5 V/214
±1.75
LSB
2.5 V external reference; 1 LSB =
2.5 V/214
Differential Nonlinearity
DNL
−0.99
±0.75
+1
LSB
2.5 V internal reference; 1 LSB =
2.5 V/214
±0.75
LSB
2.5 V external reference; 1 LSB =
2.5 V/214
DC Code Distribution
±3
LSB
ADC input 1.25 V; 1 LSB = 2.5 V/214
ADC ENDPOINT ERRORS
Offset Error
Input Buffer Off
±200
µV
Drift1
−2.25
+1.2
µV/°C
Using 2.5 V external reference
Input Buffer On
−250
µV
Drift1
−2.6
+2
µV/°C
Using 2.5 V external reference
Match
±1
LSB
Matching compared to AIN8
Full-Scale Error
Input Buffer Off
±400
µV
Gain Drift1
−4
+2
µV/°C
Full-scale error drift minus offset
error drift
Input Buffer On
−350
µV
Gain Drift1
−4.5
+3
µV/°C
Full-scale error drift minus offset
error drift
Match
±1
LSB
ADC DYNAMIC PERFORMANCE
fIN = 665.25 Hz sine wave, fSAMPLE =
100 kSPS; input filter = 15 Ω, 2 nF
Signal-to-Noise Ratio
SNR
Includes distortion and noise
components
Input Buffer
Disabled
80
dB
Enabled
74
dB
Total Harmonic Distortion
THD
Input Buffer
Disabled
−86
dB
Enabled
−83
dB
Peak Harmonic or Spurious Noise
−88
dB
Channel-to-Channel Crosstalk
−90
dB
Measured on adjacent channels
ADC INPUT
Input buffer not enabled
Input Voltage Ranges
Single-Ended Mode1
AGND4
VREF
Differential Mode1
−VREF
+VREF
V
Voltage between differential pins
Compliance1
AGND4
AVDD4
Common Mode1
0.9
1.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com