Electronic Components Datasheet Search
  English  ▼

X  

ADUCM320BBCZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADUCM320BBCZ
Description  Precision Analog Microcontroller, 14-Bit Analog Input/Output with MDIO Interface, ARM Cortex-M3
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM320BBCZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADUCM320BBCZ Datasheet HTML 19Page - Analog Devices ADUCM320BBCZ Datasheet HTML 20Page - Analog Devices ADUCM320BBCZ Datasheet HTML 21Page - Analog Devices ADUCM320BBCZ Datasheet HTML 22Page - Analog Devices ADUCM320BBCZ Datasheet HTML 23Page - Analog Devices ADUCM320BBCZ Datasheet HTML 24Page - Analog Devices ADUCM320BBCZ Datasheet HTML 25Page - Analog Devices ADUCM320BBCZ Datasheet HTML 26Page - Analog Devices ADUCM320BBCZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
ADuCM320
Data Sheet
Rev. C | Page 22 of 30
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 8. Pin Configuration
Table 11. Pin Function Descriptions
Pin
No.
Mnemonic
Type1
Description
B2
RESET
I
Reset Input (Active Low). An internal pull-up resistor is included.
C2
P0.0/SCLK0/PLAI[0]
I/O
Digital I/O Port 0.0 (P0.0).
SPI0 Clock (SCLK0).
Input to PLA Element 0 (PLAI[0]).
D2
P0.1/MISO0/PLAI[1]
I/O
Digital I/O Port 0.1 (P0.1).
SPI0 Master In, Slave Out (MISO0).
Input to PLA Element 1 (PLAI[1]).
D1
P0.2/MOSI0/PLAI[2]
I/O
Digital I/O Port 0.2 (P0.2).
SPI0 Master Out, Slave In (MOSI0).
Input to PLA Element 2 (PLAI[2]).
E3
P0.3/IRQ0/CS0/PLACLK0/PLAI[3]
I/O
Digital I/O Port 0.3 (P0.3).
External Interrupt 0 (IRQ0).
SPI0 Chip Select 0 (CS0). When using SPI0, configure this pin as CS0.
PLA Clock 0 (PLACLK0).
Input to PLA Element 3 (PLAI[3]).
E2
P0.4/SCL0/PLAO[2]
I/O
Digital I/O Port 0.4 (P0.4).
I2C0 Serial Clock (SCL0).
Output of PLA Element 2 (PLAO[2]).
E1
P0.5/SDA0/PLAO[3]
I/O
Digital I/O Port 0.5 (P0.5).
I2C0 Serial Data (SDA0).
Output of PLA Element 3 (PLAO[3]).
1
A
B
C
D
E
F
G
H
J
K
L
2
3
4
5
6
7
8
9
10
11
IDAC_
TST
IDAC0
IDAC2
IOVDD1
IOGND1
P3.3/
PRTADDR3/
PLAI[15]
P0.0/
SCLK0/
PLAI[0]
CDAMP0
CDAMP2
CDAMP3
CDAMP1
IDAC1
IREF
IDAC3
PGND
DGND2
SWCLK
AIN15/
P4.7
AIN14/
P4.6
AIN12/
P4.4
AIN11/
BUF_
VREF2V5
AIN10
AIN7
AIN2
AIN1
AIN0
AGND1
VDAC4
VDAC7/
P5.2
VDAC6/
P5.1
XTALI
IOVDD3
IOGND3
VDAC3/
P5.0
VDAC1
VDD1
AVDD3
AGND2
AGND3
AIN3
AIN4
AIN6
AIN5
AIN9/
P4.3
AIN8/
P4.2
VDAC0/
P5.3
VDAC2/
P3.7/
PLAO[29]
VDAC5
DGND1
AGND4
AIN13/
P4.5
AVDD4
SWDIO
IOGND2
IOVDD2
PGND
PVDD0
PVDD2
PVDD3
PVDD1
RESET
P1.0/SIN/
ECLKIN/
PLAI[4]
P1.2/
PWM0/
PLAI[6]
P1.1/SOUT/
PLACLK1/
PLAI[5]
P2.4/IRQ5/
ADCCONV/
PWM6/
PLAO[18]
P1.3/
PWM1/
PLAI[7]
P1.4/
PWM2/
SCLK1/
PLAO[10]
P1.5/
PWM3/
MISO1/
PLAO[11]
P1.6/
PWM4/
MOSI1/
PLAO[12]
P1.7/IRQ1/
PWM5/
CS1/
PLAO[13]
P2.0/IRQ2/
PWMTRIP/
PLACLK2/
PLAI[8]
P2.2/
IRQ4/POR/
CLKOUT/
PLAI[10]
P2.3/BM
P0.2/
MOSI0/
PLAI[2]
P0.5/
SDA0/
PLAO[3]
P2.6/
IRQ7/
PLAO[20]
P0.7/
SDA1/
PLAO[5]
P0.6/
SCL1/
PLAO[4]
P3.0/
PRTADDR0/
PLAI[12]
P3.1/
PRTADDR1/
PLAI[13]
P2.7/
IRQ8/
PLAO[21]
P3.5/
MCK/
PLAO[27]
XTALO
MDIO
P0.4/
SCL0/
PLAO[2]
P0.3/
IRQ0/CS0/
PLACLK0/
PLAI[3]
P0.1/
MISO0/
PLAI[1]
P3.2/
PRTADDR2/
PLAI[14]
P3.4/
PRTADDR4/
PLAO[26]
AVDD_
REG0
AVDD_
REG1
VREF_1V2
ADC_
REFP
ADC_
REFN
DVDD_
2V5
DVDD_1V8
ADuCM320
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com